Electronic Components Datasheet Search
  English  ▼

X  

17559 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 17559
Description  Micromotor Driver with Dual 3-Phase and Dual H-Bridge Outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17559 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 17559 Datasheet HTML 2Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 3Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 4Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 5Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 6Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 7Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 8Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 9Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
17559
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Motor Supply Voltage (1)
VM
-0.5 to 5.0
V
Logic Supply Voltage
VDD
-0.5 to 4.0
V
Gate Drive Boost Voltage
VG
VDD-0.5 to 11
V
Logic Signal Input Voltage (2)
Analog Signal Input Voltage (3)
VIL
VIA
-0.5 to VDD+0.5
-0.5 to VM+0.5
V
Driver Output Current (4)
DC
Peak (5)
IO
IOPK
300
600
mA
ESD Voltage
Human Body Model (6)
Machine Model (7)
VESD1
VESD2
±1000
±200
V
Control Circuit Output Current (8)
IOV
10
mA
Power Dissipation (TA = 25°C)
PD
1650
mW
THERMAL RATINGS
Operating Junction Temperature
TJ
150
°C
Operating Ambient Temperature
TA
-20 to 65
°C
Thermal Resistance
R
θJA
TBD
°C/W
Storage Temperature
TSTG
-65 to 150
°C
Terminal Soldering Temperature (9)
TSOLDER
240
°C
Notes
1.
VMu1, VMu2, VMvw1, VMvw2, VMF1, VMR1, VMF1, and VMR2 terminals.
2.
OE, UI1, VI1, WI1, PWM1, UI2, VI2, WI2, PWM2, FI1, RI1, FI2, and RI2 terminals.
3.
COM1, CPUI1, CPVI1, CPWI1, COM2, CPUI2, CPVI2, and CPWI2 terminals.
4.
FO1, RO1, FO2, RO2, UO1, VO1, WO1, UO2, VO2, and WO2 terminals.
5.
TA = 25°C, 0.2 sec cycle, 10 ms max.
6.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω).
7.
ESD2 testing is performed in accordance with the Machine Model (CZAP = 200 pF, RZAP = 0 Ω).
8.
CPUO1, CPVO1, CPWO1, CPUO2, CPVO2, and CPWO2 terminals.
9.
Soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com