Electronic Components Datasheet Search
  English  ▼

X  

17559 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 17559
Description  Micromotor Driver with Dual 3-Phase and Dual H-Bridge Outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17559 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 17559 Datasheet HTML 6Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 7Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 8Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 9Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 10Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 11Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 12Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 13Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
17559
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The 17559 is a monolithic dual 3-phase plus dual H-Bridge
multiple motor driver IC ideal for portable electronic
applications containing two brushless DC motors plus two DC
brush motors (or plus one bipolar step motor). The control
logic translates the input signals to the gate-driver circuitry
while providing cross-conduction suppression.
The drivers are designed to be PWM’ed at high
frequencies for efficient and noise-free motor control. The
17559 is designed for portable audio and video applications
such as camcorders, but it may be used in any application
requiring highly efficient control of micromotors.Authors’
Note:
FUNCTIONAL DESCRIPTION
THREE-PHASE DRIVER CHANNEL 1 INPUT
(UI1, VI1, AND WI1)
The three-phase driver channel 1 input terminals (UI1, VI1,
and VI1) set the driver states (UO1, VO1, and WO1) in
accordance with the logic set force defined in Table 7,
page 11. Typically these inputs are supplied from an MCU or
a digital signal processor (DSP) to provide the phasing of the
currents applied to a brushless DC motor.
THREE-PHASE DRIVER CHANNEL 1 OUTPUT
(UO1, VO1, AND WO1)
The three-phase driver channel 1 output terminals (UO1,
VO1, and WO1) drive a three-phase motor, as well as supply
the peak currents with applied ON resistance (RDS(ON)hb).
THREE-PHASE DRIVER CHANNEL 1 PHASE
POWER GROUND (PGNDW1 AND PGNDUV1)
The three-phase driver channel 1 phase power ground
terminals (PGNDw1 and PGNDuv1) are ground terminals for
three-phase driver channel 1. PGNDw1 is a ground for W
phase driver, and PGNDuv1 is a ground for U and V phase
driver. PGNDw1 and PGNDuv1 are physically connected in
the IC in order to reduce internal resistance.
THREE-PHASE DRIVER CHANNEL 1 PHASE
POWER SUPPLY (VMVW1 AND VMU1)
The three-phase driver channel 1 phase power supply
terminals (VMvw1 and VMu1) are power supply terminals for
three-phase driver channel 1. VMvw1 is a power supply for V
and W phase driver, and VMu1 is a power supply for U phase
driver. VMvw1 and VMu1 are phyically connected in the IC in
order to reduce internal resistance.
THREE-PHASE DRIVER CHANNEL 2 INPUT
(UI2, VI2, AND WI2)
The three-phase driver channel 2 input terminals (UI2, VI2,
and WI2) set the driver states (UO2, VO2, and WO2) in
accordance with the logic set force in Table 7. Typically these
inputs are supplied from an MCU or DSP to provide the
phasing of the current applied to a brushless DC motor.
THREE-PHASE DRIVER CHANNEL 2 OUTPUT
(UO2, VO2, AND WO2)
The three-phase driver channel 2 output terminals (UO2,
VO2, and WO2) drive a three-phase motor, as well as supply
the peak currents with applied ON resistance (RDS(ON)hb).
THREE-PHASE DRIVER CHANNEL 2 PHASE
POWER GROUND (PGNDW2 AND PGNDUV2)
The three-phase driver channel 2 phase power ground
terminals (PGNDw2 and PGNDuv2) are ground terminals for
three-phase driver channel 2. PGNDw2 is a ground for W
phase driver, and PGNDuv2 is a ground for U and V phase
driver. PGNDw2 and PGNDuv2 are physically connected in
the IC in order to reduce internal resistance.
THREE-PHASE DRIVER CHANNEL 2 PHASE
POWER SUPPLY (VMVW2 AND VMU2)
The three-phase driver channel 2 phase power supply
terminals (VMvw2 and VMu2) are power supply terminals for
three-hase driver channel 2. VMvw2 is a power supply for V
and W phase driver, and VMu2 is a power supply for U phase
driver. VMvw2 and VMu2 are phyically connected in the IC in
order to reduce internal resistance.
LOGIC INPUT (OE, FI1, RI1, FI2, AND RI2)
These logic input terminals control each H-Bridge output.
OE = 1 is an output enable for each H-Bridge control and for
each three-phase comparator (refer to Table 6, page 11).
H-BRIDGE OUTPUTS (RO1, FO1, RO2, AND FO2)
These terminals provide connection to the outputs of each
internal H-Bridge (see Figure 1, 17559 Simplified Application
Diagram, page 1).
POWER SUPPLY (VMR1, VMF1, VMR2, AND VMF2)
These VM terminals carry the main power supply voltage
and current into the H-Bridge power section of the 17559.
The supply voltage then becomes controlled and/or
modulated by the IC as it delivers the power to the loads
attached between the output terminals. All VM terminals are
connected internally for VMR1 and VMF1, and VMR2 and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com