Electronic Components Datasheet Search
  English  ▼

X  

17559 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 17559
Description  Micromotor Driver with Dual 3-Phase and Dual H-Bridge Outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17559 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  17559 Datasheet HTML 1Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 2Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 3Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 4Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 5Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 6Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 7Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 8Page - Freescale Semiconductor, Inc 17559 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
17559
TERMINAL CONNECTIONS
17
COM1
Input
Forward Input UVW1
Comparator channel 1 UVW forward input terminal.
18
CPUI1
Input
Reverse Input UI1
Comparator channel 1 U reverse input terminal.
19
CPVI1
Input
Reverse Input VI1
Comparator channel 1 V reverse input terminal.
20
CPWI1
Input
Reverse Input WI1
Comparator channel 1 W reverse input terminal.
21
GND2
Ground
Ground 2
Control circuit ground terminal 2.
22
NC
No Connect
This terminal is not used.
23
CPWI2
Input
Reverse Input WI2
Comparator channel 2 W reverse input terminal.
24
CPVI2
Input
Reverse Input VI2
Comparator channel 2 V reverse input terminal.
25
CPUI2
Input
Reverse Input UI2
Comparator channel 2 U reverse input terminal.
26
COM2
Input
Forward Input UVW2
Comparator channel 2 UVW forward input terminal.
27
RI2
Input
Logic Input Control RI2
H-Bridge driver channel 2 reverse input terminal.
28
FI2
Input
Logic Input Control FI2
H-Bridge driver channel 2 forward input terminal.
29
VMF2
Power
Motor Driver Power Supply F2
H-Bridge driver channel 2 power supply terminal F.
30
FO2
Output
H-Bridge Output FO2
H-Bridge driver channel 2 forward output terminal.
31
PGND2
Ground
Power Ground 2
H-Bridge driver channel 2 power ground terminal.
32
RO2
Output
H-Bridge Output RO2
H-Bridge driver channel 2 reverse output terminal.
33
VMR2
Power
Motor Driver Power Supply R2
H-Bridge driver channel 2 power supply terminal R.
34
VMu2
Power
Motor Driver Power Suppy u2
Three-phase driver channel 2 U phase power supply terminal.
35
UO2
Output
Three-Phase Output UO2
Three-phase driver channel 2 U phase output terminal.
36
PGNDu2
Ground
Power Ground u2
Three-phase driver channel 2 UV phase power ground
terminal.
37
VO2
Output
Three-Phase Output VO2
Three-phase driver channel 2 V phase output terminal.
38
VMvw2
Power
Motor Driver Power Supply vw2
Three-phase driver channel 2 VW phase power supply
terminal.
39
WO2
Output
Three-Phase Output WO2
Three-phase driver channel 2 W phase output terminal.
40
PGNDw2
Ground
Power Ground w2
Three-phase driver channel 2 W phase power ground terminal.
41
WI2
Input
Three-Phase Input WI2
Three-phase driver channel 2 W input terminal.
42
VI2
Input
Three-Phase Input VI2
Three-phase driver channel 2 V input terminal.
43
UI2
Input
Three-Phase Input UI2
Three-phase driver channel 2 U input terminal.
44
PWM2
Input
PWM Input 2
Three-phase driver channel 2 PWI input terminal.
45
CPUO2
Output
Comparator Output UO2
Comparator channel 2 U output terminal.
46
CPVO2
Output
Comparator Output VO2
Comparator channel 2 V output terminal.
47
CPWO2
Output
Comparator Output WO2
Comparator channel 2 W output terminal.
48
OE
Output
Output Enable
Output enable input terminal.
49
GND1
Ground
Ground 1
Control circuit ground terminal.
50
VDD
Power
Logic Supply
Control circuit power supply terminal.
51
VG
Gate Boost Voltage
Gate drive boost voltage.
52
CPWO1
Output
Comparator Output WO1
Comparator channel 1 W output terminal.
53
CPVO1
Output
Comparator Output VO1
Comparator channel 1 V output terminal.
54
CPUO1
Output
Comparator Output UO1
Comparator channel 1 U output terminal.
Table 1. 17559 Terminal Definitions (continued)
A functional description of each terminal can be found in the Functional Terminal Description section beginning on page 10.
Terminal
Number
Terminal
Name
Terminal
Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com