Electronic Components Datasheet Search
  English  ▼

X  

RF2459 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2459
Description  3V PCS DOWNCONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2459 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2459 Datasheet HTML 1Page - RF Micro Devices RF2459 Datasheet HTML 2Page - RF Micro Devices RF2459 Datasheet HTML 3Page - RF Micro Devices RF2459 Datasheet HTML 4Page - RF Micro Devices RF2459 Datasheet HTML 5Page - RF Micro Devices RF2459 Datasheet HTML 6Page - RF Micro Devices RF2459 Datasheet HTML 7Page - RF Micro Devices RF2459 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Preliminary
8-98
RF2459
Rev A2 010717
8
Absolute Maximum Ratings
Parameter
Ratings
Unit
Supply Voltage
-0.5 to 7.0
VDC
Input LO and RF Levels
+6
dBm
Ambient Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T= 25°C, VCC=3.0V, RF=1960MHz,
LO= 1750MHz@-2dBm
Usable RF Frequency Range
1500
2500
MHz
Typical RF Frequency Range
1930 to 1990
MHz
Usable LO Frequency Range
1200
2500
MHz
Typical LO Frequency Range
1430 to 1990
MHz
IF Frequency Range
DC to 500
MHz
Noise Figure
14
dB
Input VSWR
<2:1
Single-ended with external matching net-
work.
Input IP3
+5.0
+7.0
dBm
Gain
8
10
dB
Output Impedance
1000
Ω
Single-ended with external matching net-
work.
Input P1dB
-7.5
dBm
LO Input
LO Input Range
-5 to +3
dBm
LO to RF (Mix In) Rejection
30
dB
LO to IF
40
dB
LO Input VSWR
<2:1
Single-ended with external matching net-
work.
Power Supply
Voltage
2.7
3.0
3.6
V
Current Consumption
20
26
mA
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com