Electronic Components Datasheet Search
  English  ▼

X  

RF2459 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2459
Description  3V PCS DOWNCONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2459 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2459 Datasheet HTML 1Page - RF Micro Devices RF2459 Datasheet HTML 2Page - RF Micro Devices RF2459 Datasheet HTML 3Page - RF Micro Devices RF2459 Datasheet HTML 4Page - RF Micro Devices RF2459 Datasheet HTML 5Page - RF Micro Devices RF2459 Datasheet HTML 6Page - RF Micro Devices RF2459 Datasheet HTML 7Page - RF Micro Devices RF2459 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Preliminary
8-101
RF2459
Rev A2 010717
8
Evaluation Board Schematic
RF=1.959MHz, IF=210MHz
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
8
7
6
5
L1
4.7 nH
C1
1.5 pF
J1
LO IN
C3
22 pF
C2
100 nF
VCC
C4
1.5 pF
L2
2.2 nH
J2
RF IN
R1
16k
Ω
L3
100 nH
C5
9pF
C6
9pF
C7
4pF
J3
IF OUT
L4
180 nH
VCC
50
Ωµstrip
50
Ωµstrip
50
Ωµstrip
VCC
GND
N/C
1
2
3
P1
CON3
NOTES:
1) R1, L3, C5, and C6 are chosen to produce an output impedance, R
OUT, of 1000 Ω @ 210 MHz.
2) L4 and C7 are chosen to match the 1000
Ω output impedance to 50 Ω for testing purposes.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com