Electronic Components Datasheet Search
  English  ▼

X  

RF2459 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2459
Description  3V PCS DOWNCONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2459 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2459 Datasheet HTML 1Page - RF Micro Devices RF2459 Datasheet HTML 2Page - RF Micro Devices RF2459 Datasheet HTML 3Page - RF Micro Devices RF2459 Datasheet HTML 4Page - RF Micro Devices RF2459 Datasheet HTML 5Page - RF Micro Devices RF2459 Datasheet HTML 6Page - RF Micro Devices RF2459 Datasheet HTML 7Page - RF Micro Devices RF2459 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary
8-99
RF2459
Rev A2 010717
8
Pin
Function
Description
Interface Schematic
1LO IN
Mixer LO single-ended input. The pin is internally DC blocked. External
matching sets impedance.
2GND2
Ground for downconverter. Keep traces physically short and connect
directly to ground plane for best performance.
3VCC
Supply voltage for downconverter. External RF bypassing is required.
The trace length between the bypass caps and the pin should be mini-
mized. Connect ground sides of caps directly to ground.
4GND1
Same as pin 2.
5RF IN
Mixer RF single-ended input. The pin is internally DC blocked. External
matching sets input impedance.
6GND3
Same as pin 2.
7IF-
IF output pin. The output is balanced. A current combiner external net-
work performs a differential to single-ended conversion and sets the
output impedance. There must be a DC path from VCC to this pin. this
is normally achieved with the current combiner network. A DC blocking
cap must be present if the IF filter input has a DC path to ground.
8IF+
Same as pin 7, except complementary output.
LO IN
RF IN
IF+
IF-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com