Electronic Components Datasheet Search
  English  ▼

X  

RF2459 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2459
Description  3V PCS DOWNCONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2459 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2459 Datasheet HTML 1Page - RF Micro Devices RF2459 Datasheet HTML 2Page - RF Micro Devices RF2459 Datasheet HTML 3Page - RF Micro Devices RF2459 Datasheet HTML 4Page - RF Micro Devices RF2459 Datasheet HTML 5Page - RF Micro Devices RF2459 Datasheet HTML 6Page - RF Micro Devices RF2459 Datasheet HTML 7Page - RF Micro Devices RF2459 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Preliminary
8-100
RF2459
Rev A2 010717
8
Application Schematic
1
2
3
4
8
7
6
5
4.7 nH
1.5 pF
22 pF
100 nF
1.5 pF
2.2 nH
R
L1
C1
C1
C2
L2
V
CC
V
CC
LO IN
RF IN
IF OUT
IF Filter
Output Interface Network
L1, C1 and R form a current combiner which performs
a differential to single-ended conversion at the IF fre-
quency and sets the output impedance. In most cases,
the resonance frequency is independent of R and can
be set according to the following equation:
Where CEQ is the equivalent stray capacitance and
capacitancelookingintopins7and8.Anaverage
valuetouse for CEQ is 2.5pF.
R can then be used to set the output impedance
according to the following equation:
where ROUT is the desired output impedance and RP is
the parasitic equivalent parallel resistance of L1.
C1 should be chosen as high as possible, while main-
taining an RP of L1 that allows for the desired ROUT.
L2 and C2 serve dual purposes. L2 serves as an out-
put bias choke, and C2 serves as a series DC block.
In addition, L2 and C2 may be chosen to form an
impedance matching network if the input impedance of
the IF filter is not equal to ROUT. Otherwise, L2 is cho-
sen to be large (suggested 8.2nH) and C2 is chosen to
be large (suggested 22nF) if a DC path to ground is
present in the IF filter, or omitted if the filter is DC
blocked.
1
2
π
L1
2
(C1+C
EQ)
f
IF =
R=
1
4R
OUT
- 1
R
P
()
-1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com