Electronic Components Datasheet Search
  English  ▼

X  

RF2459 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2459
Description  3V PCS DOWNCONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2459 Datasheet(HTML) 8 Page - RF Micro Devices

  RF2459 Datasheet HTML 1Page - RF Micro Devices RF2459 Datasheet HTML 2Page - RF Micro Devices RF2459 Datasheet HTML 3Page - RF Micro Devices RF2459 Datasheet HTML 4Page - RF Micro Devices RF2459 Datasheet HTML 5Page - RF Micro Devices RF2459 Datasheet HTML 6Page - RF Micro Devices RF2459 Datasheet HTML 7Page - RF Micro Devices RF2459 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Preliminary
8-104
RF2459
Rev A2 010717
8
IP1dB versus VCC
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
VCC (V)
IP1dB, -30º
IP1dB, 25º
IP1dB, 85º
Gain versus LO PIN
VCC =3.0 V
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
LO PIN (dBm)
Gain, -30º
Gain, 25º
Gain, 85º
IIP3 versus LO PIN
VCC =3.0 V
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
LO PIN (dBm)
IIP3, -30º
IIP3, 25º
IIP3, 85º
IP1dB versus LO PIN
VCC =3.0 V
-12.0
-11.0
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
LO PIN (dBm)
IP1dB, -30º
IP1dB, 25º
IP1dB, 85º



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com