Electronic Components Datasheet Search
  English  ▼

X  

RF2668 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2668
Description  CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER WITH INTEGRATED PLL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2668 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2668 Datasheet HTML 1Page - RF Micro Devices RF2668 Datasheet HTML 2Page - RF Micro Devices RF2668 Datasheet HTML 3Page - RF Micro Devices RF2668 Datasheet HTML 4Page - RF Micro Devices RF2668 Datasheet HTML 5Page - RF Micro Devices RF2668 Datasheet HTML 6Page - RF Micro Devices RF2668 Datasheet HTML 7Page - RF Micro Devices RF2668 Datasheet HTML 8Page - RF Micro Devices RF2668 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary
5-73
RF2668
Rev B4 010423
5
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
UHF Upconverter
Output externally matched
General
IF Input Impedance
200
Ω
Balanced
IF Input Frequency Range
0
400
MHz
LO2 Input Impedance
50
Ω
Single Ended
LO2 Input Level
-6
-3
0
dBm
LO2 Input Frequency Range
2.5
GHz
RF to LO2 Isolation
30
dB
LO Input VSWR
<2:1
50
Ω
Current Consumption
24
mA
UHF upconverter only.
Cellular
Conversion Gain
-1.5
-0.5
dB
RFOUT=830MHz
Noise Figure (SSB)
15
dB
RFOUT=830MHz
Output IP3
+13
dBm
PIN=-15dBm per tone,
200kHz tone separation, RFOUT=830MHz,
LO2= 960MHz@ -3dBm
RF Output VSWR
<2:1
RFOUT =830MHz
W-CDMA
Conversion Gain
-1.5
dB
RFOUT=1950MHz
Noise Figure
TBD
dB
Output IP3
10
dBm
PIN=-15dBm per tone,
200kHz tone separation, RFOUT=1950MHz,
LO2=1570MHz @-3dBm
RF Output VSWR
<2:1
RFOUT=1950MHz. See note on eval board
schematic.
Dual Output
Cellular
Conversion Gain
-1.5
-0.5
dB
RFOUT=830MHz
Noise Figure
15
dB
RFOUT=830MHz
Output IP3
12.5
dBm
PIN=-15dBm per tone,
200kHz tone separation, RFOUT=830MHz,
LO2= 960MHz@-3dBm
RF Output VSWR
<1.5:1
RFOUT=830MHz
PCS
Conversion Gain
-1.5
-1.0
dB
RFOUT=1880MHz
Noise Figure
15
dB
RFOUT=1880MHz
Output IP3
10.5
dBm
PIN=-15dBm per tone,
200kHz tone separation, RFOUT=1880MHz,
LO2=1750MHz @-3dBm
RF Output VSWR
<1.5:2
RFOUT=1880MHz
VCO
PLLlockedwithLoopBW =5kHz,Tank Val-
ues: 39nH and SMV1234 varactor.
Phase Noise @ 100kHz
-110
dBc/Hz
Current Consumption
1
mA
PLL
Charge Pump Current
100
µA
TCXO Input Level
0.8
VPP
PLL Lock Time
4/Loop BW
s
Current Consumption
4
mA
PLL only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com