Electronic Components Datasheet Search
  English  ▼

X  

RF2668 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2668
Description  CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER WITH INTEGRATED PLL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2668 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2668 Datasheet HTML 1Page - RF Micro Devices RF2668 Datasheet HTML 2Page - RF Micro Devices RF2668 Datasheet HTML 3Page - RF Micro Devices RF2668 Datasheet HTML 4Page - RF Micro Devices RF2668 Datasheet HTML 5Page - RF Micro Devices RF2668 Datasheet HTML 6Page - RF Micro Devices RF2668 Datasheet HTML 7Page - RF Micro Devices RF2668 Datasheet HTML 8Page - RF Micro Devices RF2668 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Preliminary
5-74
RF2668
Rev B4 010423
5
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Power Supply
Supply Voltage
2.7
3.0
3.3
V
Current Consumption
69
mA
Total device current.
Power Down Current
<10
µA
VPD HIGH Voltage
VCC-0.3
V
VPD LOW Voltage
0.3
V
PLL Settings
Application
Japan
Japan
US/Korea
LO Frequency, MHz
333.7
333.7
260.76
IF Frequency =LO Frequency/2
Crystal, MHz
19.2
19.8
19.68
Reference Divider
192
198
252
Phase Detector Frequency, kHz
100
100
78.09524
Prescaler
32/33
32/33
32/33
Swallow Counter (A)
9
9
11
Fixed Divider (N)
104
104
104
Net N in VCO Path
3337
3337
3339
SET1
VCC
GND
GND
SET2
GND
VCC
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com