Electronic Components Datasheet Search
  English  ▼

X  

RF2668 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2668
Description  CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER WITH INTEGRATED PLL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2668 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2668 Datasheet HTML 1Page - RF Micro Devices RF2668 Datasheet HTML 2Page - RF Micro Devices RF2668 Datasheet HTML 3Page - RF Micro Devices RF2668 Datasheet HTML 4Page - RF Micro Devices RF2668 Datasheet HTML 5Page - RF Micro Devices RF2668 Datasheet HTML 6Page - RF Micro Devices RF2668 Datasheet HTML 7Page - RF Micro Devices RF2668 Datasheet HTML 8Page - RF Micro Devices RF2668 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
5-71
5
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
Band Gap
Rel
Bias
Supply
Quad
/2
Σ
48
45
46
47
44
43
42
41
40
39
38
37
13
16
15
14
17
18
19
20
21
22
23
24
1
2
3
4
5
6
7
8
9
10
11
12
NC
NC
RFOUT
VCC4
LO2+
LO2-
GND2
GND2
MIX_DEC
MIX IN+
MIX IN-
NC
36
35
34
33
32
31
30
29
28
27
26
25
SET2
PLLVCC
PLLGND
LD
DO
VCO+
VCO-
LO1+
LO1-
VCC1
VCO_ISET
NC
Lock
Detect
/R
/N
Charge
Pump
RF2668
CDMA/FM TRANSMIT MODULATOR, IF AGC,
AND UPCONVERTER WITH INTEGRATED PLL
• CDMA/FM Cellular and PCS Systems
• Tri-Mode/Dual-Band CDMA Applications
• W-CDMA Systems
• Wireless Local Loop Systems
• Spread-Spectrum Cordless Phones
• High Speed Data Modems
The RF2668 is an integrated complete quadrature modu-
lator, IF AGC amplifier, upconverter, and PLL, designed
for the transmit section of dual-mode CDMA/FM cellular,
PCS, and tri-mode CDMA applications. It is designed to
modulate baseband I and Q signals, amplify the resulting
IF signals while providing 95dB of gain control range, and
perform the final upconversion to UHF. Noise Figure, IP3,
and other specifications are designed to be compatible
with the IS-98 Interim Standard. This circuit is designed
as part of RFMD’s newest CDMA chipset, which also
includes the RF2667 CDMA/FM Receive IF AGC and
Demodulator. The IC is manufactured on an advanced
18GHz FT Silicon Bipolar process, and is supplied in a
48-lead plastic LQFP package.
• Supports Tri-Mode Operation
• Digitally Controlled Power Down Modes
• 2.7V to 3.3V Operation
• Digital First LO Quadrature Divider
• Double-Balanced UHF Upconvert Mixer
• IF AGC Ampwith95dBGainControl
RF2668
CDMA/FM Transmit Modulator, IF AGC, and
Upconverter with Integrated PLL
RF2668 PCBA-PCS/CEL
Fully Assembled Evaluation Boards
RF2668 PCBA-DO
Fully Assembled Evaluation Boards
5
Rev B4 010423
9.00
+ 0.20
sq.
0.22
+ 0.05
7.00
+ 0.10 sq.
7° MAX
0° MIN
0.35
0.25
0.50
1.40
+ 0.05
0.127
0.60
0.15
0.10
+
Package Style: LQFP-48_7x7


Similar Part No. - RF2668

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2667 RFMD-RF2667 Datasheet
129Kb / 10P
RECEIVE AGC AND DEMODULATOR
More results

Similar Description - RF2668

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2608 RFMD-RF2608 Datasheet
46Kb / 4P
CDMA/FM UPCONVERTER/BPSK MODULATOR
RF2609 RFMD-RF2609 Datasheet
94Kb / 8P
CDMA/FM TRANSMIT AGC AMPLIFIER
RF2619 RFMD-RF2619 Datasheet
114Kb / 8P
3V CDMA/FM TRANSMIT AGC AMPLIFIER
RF2628 RFMD-RF2628 Datasheet
60Kb / 6P
CDMA/FM UPCONVERTER/BPSK MODULATOR
RF2629 RFMD-RF2629 Datasheet
103Kb / 6P
3V CDMA/FM TRANSMIT AGC AMPLIFIER
RF2658 RFMD-RF2658 Datasheet
114Kb / 10P
TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
RF9678 RFMD-RF9678 Datasheet
200Kb / 16P
W-CDMA TRANSMIT MODULATOR AND IF AGC
RF9908 RFMD-RF9908 Datasheet
50Kb / 4P
CDMA/FM UPCONVERTER/BPSK MODULATOR
RF9958 RFMD-RF9958 Datasheet
129Kb / 12P
CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
logo
ams AG
AS3801 AMSCO-AS3801 Datasheet
75Kb / 7P
CDMA/FM TRANSMIT AGC AMPLIFIER AS3801
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com