Electronic Components Datasheet Search
  English  ▼

X  

RF2668 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2668
Description  CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER WITH INTEGRATED PLL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2668 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2668 Datasheet HTML 3Page - RF Micro Devices RF2668 Datasheet HTML 4Page - RF Micro Devices RF2668 Datasheet HTML 5Page - RF Micro Devices RF2668 Datasheet HTML 6Page - RF Micro Devices RF2668 Datasheet HTML 7Page - RF Micro Devices RF2668 Datasheet HTML 8Page - RF Micro Devices RF2668 Datasheet HTML 9Page - RF Micro Devices RF2668 Datasheet HTML 10Page - RF Micro Devices RF2668 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Preliminary
5-77
RF2668
Rev B4 010423
5
Pin
Function
Description
Interface Schematic
29
LO1+
External LO input to modulator. Controlled by VCO_EN signal. Logic
low is internal VCO, while logic high is external VCO.
30
VCO-
See VCO+ description.
31
VCO+
This port is used to supply DC voltage to the VCO as well as to tune the
center frequency of the VCO. Equal value inductors should be con-
nected to this pin and pin 30 although a small imbalance can be used
to tune in the proper frequency range.
32
DO
Output of the charge pump, and input to the VCO control. An RC net-
work from this pin to ground is used to establish the PLL bandwidth.
33
LD
Lock detector output for synthesizer. Requires external transistor to
provide hysteresis and inversion of signal. See Application circuit.
34
PLLGND
Ground for synthesizer. For best performance, keep traces physically
short and connect immediately to ground plane.
35
PLLVCC
Supply for the PLLVCC only. A 10nF external bypass capacitor is
required and an additional 0.1
µFwill berequiredif noother lowfre-
quency bypass capacitors are nearby. The trace length between the pin
and the bypass capacitors should be minimized. The ground side of the
bypass capacitors should connect immediately to ground plane.
36
SET2
PLL Setting (Divider) pin. See the PLL settings table.
37
SET1
Same as pin 36.
38
OSCREF
TCXO reference input for synthesizer.
39
VREFPLL
Bypass pin for the synthesizer reference voltage.
40
PLLISET
Current setting pin for synthesizer charge pump. For normal operation,
a390
Ω resistor to ground should be used to set the current.
41
PLLON
Synthesizer Enable pin.
See pin 45.
42
VCO_EN
VCO Enable pin. Switches between internal and external VCO.
See pin 45.
43
MIX_EN
Power down control for mixer only. When connected to logic “high”
(>VCC-0.3) the mixer circuits are operating; when connected to ground
(
≤0.3V), the mixer is turned off but all other circuits are operating. A DC
voltage less than or equal to the maximum allowable VCC may be
applied to this pin when no voltage is applied to the VCC pins.
44
TX_EN
Shuts down the entire TX path. VCO is still active when TX disabled.
Logic high (>VCC -0.3) for TX Enable.
45
CE
Power down control for overall circuit. When logic “high” (
≥V
CC -0.3 V),
all circuits are operating; when logic “low” (
≤0.3V), all circuits are
turned off. The input impedance of this pin is >10k
Ω.A DC voltageless
than or equal to the maximum allowable Vcc may be applied to this pin
when no voltage is applied to the VCC pins.
46
MODE
Selects between CDMA and FM mode. This is a digitally controlled
input. A logic “high” (
≥V
CC -0.3 VDC) selects CDMA mode. A logic “low”
(
<0.3V
DC) selects FM mode. In FM mode, this switch enables the FM
amplifier and turns off the I&Q modulator. The impedance on this pin is
30k
Ω. A DC voltage less than or equal to the maximum allowable V
CC
may be applied to this pin when no voltage is applied to the VCC pins.
1k
Ω
LO1+, FM+
1k
Ω
MIX EN
450
Ω
10 k
Ω
CE
60 k
Ω
60 k
Ω
BIAS
MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com