Electronic Components Datasheet Search
  English  ▼

X  

BA3131 Datasheet(PDF) 2 Page - Rohm

Part # BA3131
Description  Dual operational amplifier with switch, for audio use (3 inputs 횞 1 output 횞 2)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3131 Datasheet(HTML) 2 Page - Rohm

  BA3131 Datasheet HTML 1Page - Rohm BA3131 Datasheet HTML 2Page - Rohm BA3131 Datasheet HTML 3Page - Rohm BA3131 Datasheet HTML 4Page - Rohm BA3131 Datasheet HTML 5Page - Rohm BA3131 Datasheet HTML 6Page - Rohm BA3131 Datasheet HTML 7Page - Rohm BA3131 Datasheet HTML 8Page - Rohm BA3131 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BA3131FS
Standard ICs
!
!
!
!Absolute maximum ratings
(Ta=25
°C)
Parameter
Symbol
Limits
Unit
Power supply voltage
V
Power dissipation
750∗
mW
Operating temperature
Topr
˚C
Storage temperature
Tstg
˚C
Common-mode input voltage
V
Differential input voltage
V
Load current
± 50.0
mA
∗ Reduced by 7.5mW for each increase in Ta of 1˚C over 25˚C.
VCC
3 ~ VCC
VCC
Vi
Vid
18.0
Pd
IoMax.
– 40 ~ + 85
– 55 ~ + 125
(When mounted on a glass epoxy board (90mm
× 50mm × 1.6t))
!
!
!
!Recommended operating conditions
(Ta=25
°C)
Parameter
Symbol Min.
Typ.
Max.
Unit
Conditions
Operating power supply voltage
VCC
6.0
8.0
16.0
V
single power source
!
!
!
!Electrical characteristics
(unless otherwise noted, Ta=25
°C, Vcc=8V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Quiescent current
2.0
4.9
7.8
mA
Input offset voltage
-
0.5
5.0
mV
Input offset current
-
5
200
nA
Input bias current
-
50
500
nA
High-amplitude voltage gain
86
110
-
dB
Common-mode input voltage
36
-
V
In-phase signal rejection ratio
CMRR
60
72
-
dB
Power supply voltage rejection ratio
PSRR
76
90
-
dB
Maximum output voltage
/
VOH
VOL
36
-
V
/
36
-
V
Input conversion noise voltage
-
2.0
4.0
µVrms
Reference voltage change
-
-
± 10
mV
-
Iq
Vio
Iio
Ib
Vicm
Vn
RS
≤ 10kΩ
RL
≥ 2kΩ, VO = ± 1.5V
RS
≤ 10kΩ
RS
≤ 10kΩ
RL
≥ 10kΩ
Ioref = ± 1mA
Fig.2
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.1
Fig.3
Fig.4
Fig.7
Avol
RL
≥ 2kΩ
∗2
∗1
VIN = 0, RL =
∞ , SW pin open
Measurement
circuit
∆VREF
∗1 Because the first stage is contigured with PNP transistors, input bias current is from the IC.
∗2 Tested under the following conditions: GV = 40dB, RS = 2kΩ, Matsushita Tsuko VP-9690A (using DIN audio filter)
!
!
!
!Design guaranteed values
(unless otherwise noted, Ta=25
°C, Vcc=8V)
Slew rate
SR
0.5
1.2
-
V /
µS
Gainbandwidth product
GBW
1.5
2.6
-
MHz
f = 10kHz
Crosstalk between A, B and C
CTABC
60
73
-
dB
f = 1kHz
THD
-
0.0025 0.01
%
CS
90
115
-
dB
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Fig.5
Fig.6
Fig.8
Fig.9
Fig.10
Channel separation
∗ This item is not guaranteed during processes.
Total harmonic distortion
Measurement
circuit
f = 1kHz, input conversion
GV = 0dB, f = 1kHz, VO = 1Vrms
GV = 0dB, RL = 2k
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com