Electronic Components Datasheet Search
  English  ▼

X  

BA3131 Datasheet(PDF) 6 Page - Rohm

Part # BA3131
Description  Dual operational amplifier with switch, for audio use (3 inputs 횞 1 output 횞 2)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3131 Datasheet(HTML) 6 Page - Rohm

  BA3131 Datasheet HTML 1Page - Rohm BA3131 Datasheet HTML 2Page - Rohm BA3131 Datasheet HTML 3Page - Rohm BA3131 Datasheet HTML 4Page - Rohm BA3131 Datasheet HTML 5Page - Rohm BA3131 Datasheet HTML 6Page - Rohm BA3131 Datasheet HTML 7Page - Rohm BA3131 Datasheet HTML 8Page - Rohm BA3131 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
BA3131FS
Standard ICs
+
–
Vref
Vref
Vcc
100k
Ω
0.47
µF
3.3
µF
1k
47
µF
2.2k
Ω 56kΩ
100k
Ω
B.P.F
20Hz ~ 30kHz
Von
Vn =
Von
1
÷
100
× 10
1
× 103
3
Fig. 8 Input conversion noise voltage
–
+
C
–
+
B
–
+
A
Vref
Vref
Vref
Vref
Channel selection
100k
Ω
100k
Ω
100k
Ω
1k
Ω / 100kΩ
1k
Ω / 100kΩ
1k
Ω / 100kΩ
1k
Ω
1k
Ω
1k
Ω
VIN
f = 1kHz
CTABC = 20log
VoC
VoA or VoB
Vcc = 8V
Vo
Fig. 9 Crosstalk between A and B
~
Vref
Vref
100k
Ω
1k
Ω
VIN
f = 1kHz
–
+
Distortion meter
Vo = 1Vrms
Vo
0.47
µF
Vcc
2.2k
Ω
56k
Ω
3.3
µF
Fig. 10 Total harmonic distortion
~
Vref
Vref
100k
Ω
1k / 100k
Ω
1k
Ω
–
+
Vo1
CH-1
Fig. 11 Channel separation ( )
Vref
Vref
100k
Ω
1k / 100k
Ω
1k
Ω
f = 1kHz
–
+
Vo2
CH-2
Vcc = 8V
CS = 20log
Vo1
100Vo2
Fig. 12 Channel separation ( )
~



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com