Electronic Components Datasheet Search
  English  ▼

X  

BA3131 Datasheet(PDF) 9 Page - Rohm

Part # BA3131
Description  Dual operational amplifier with switch, for audio use (3 inputs 횞 1 output 횞 2)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3131 Datasheet(HTML) 9 Page - Rohm

  BA3131 Datasheet HTML 1Page - Rohm BA3131 Datasheet HTML 2Page - Rohm BA3131 Datasheet HTML 3Page - Rohm BA3131 Datasheet HTML 4Page - Rohm BA3131 Datasheet HTML 5Page - Rohm BA3131 Datasheet HTML 6Page - Rohm BA3131 Datasheet HTML 7Page - Rohm BA3131 Datasheet HTML 8Page - Rohm BA3131 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
BA3131FS
Standard ICs
!
!
!
!Electrical characteristic curves
FREQUENCY: f (Hz)
0.005
0.01
0.05
0.1
0.5
1
20
50 100
500 1k
5k 10k 20k
Vcc = 8V
Gv = 0dB
Vo = 1Vrms
0.00
Fig. 14 Distortion vs. frequency
FREQUENCY: f (Hz)
20
50 100
500 1k
5k
20k
10k
120
110
100
90
80
70
60
50
40
Vcc = 8V
Gv = 0dB
Vo = 1Vrms
CTABC
C.S.
Fig. 15 Channel separation and
crosstalk vs. frequency
OUTPUT VOLTAGE: Vo (Vrms)
0.001
0.005
0.01
0.05
0.1
0.5
1.0
0.05
0.1
VCC = 8V
GV = 0dB
fIN = 10kHz
1kHz
100Hz
Fig. 16 Distortion vs. output voltage
13pin OUTPUT CURRENT:
∆IOUT (mA)
Vcc = 8V
SINK
SOURCE
4.1
4.0
3.9
05
10
Fig. 17 Reference voltage vs.
pin 13 output current
!
!
!
!External dimensions
(Units: mm)
SSOP-A20
11
10
20
1
8.7 ± 0.2
0.36 ± 0.1
0.8
0.3Min.
0.15



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com