Electronic Components Datasheet Search
  English  ▼

X  

BA3131 Datasheet(PDF) 8 Page - Rohm

Part # BA3131
Description  Dual operational amplifier with switch, for audio use (3 inputs 횞 1 output 횞 2)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3131 Datasheet(HTML) 8 Page - Rohm

  BA3131 Datasheet HTML 1Page - Rohm BA3131 Datasheet HTML 2Page - Rohm BA3131 Datasheet HTML 3Page - Rohm BA3131 Datasheet HTML 4Page - Rohm BA3131 Datasheet HTML 5Page - Rohm BA3131 Datasheet HTML 6Page - Rohm BA3131 Datasheet HTML 7Page - Rohm BA3131 Datasheet HTML 8Page - Rohm BA3131 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
BA3131FS
Standard ICs
!
!
!
!Operation notes
(1) Pin 13 is the reference output pin, from which 1 / 2 Vcc is output. The value for the bypass capacitor should be
determined based on the desired characteristics. A value between 500pF and 1
µF may produce oscillation, so if AC
grounding is being used, always use a bypass capacitor with a value of at least 10
µF.
Also, Pin 12 is designated for reference circuit input, so if reference output is being used, always use a bypass capacitor
for AC grounding. (We recommend a bypass capacitor with a value of 22
µF.)
•Reference data (these values are intended only as a reference, and performance is not guaranteed)
10
– 35
150
22
– 42
300
47
– 48
550
Ripple rejection ratio (fIN = 100 Hz) (dB)
Pin 12 bypass capacitor (
µF)
Output rise time (ms)∗
∗ Test conditions: When power supply is on (VCC = 8V), time equal to 90% of VCC bypass capacitor,Pin 13 bypass
capacitor 100
µF, output smoothing voltage.
(2) This IC offers stability even at low gain (0 to 20dB), but a capacitance load of 200pF or higher may cause oscillation
(the phase margin at a capacitance of 200pF is 10
° typ. (Ta = 85°C, 0dB point) ). Consequently, please make sure
sufficient care is taken in terms of the capacitance load.
When using a 0dB buffer, as shown in the application example (Figure 13), introducing a bias resistance of several k
Ω to
the negative input (R11 and R12 in Figure 13, indicated as circled items) results in greater stability in terms of the
capacitance load.
!
!
!
!Truth value table
H
H
Corresponds to
µCOM output
ch1
Conditions
∗ “H” when the applied voltage at pins 8 and 9 is 2.0V or more, and “L” when it is 1.0V or less.
SW1 (8pin)
SW2 (9pin)
H
L
ch2
L
H
ch3
L
L
OFF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com