Electronic Components Datasheet Search
  English  ▼

X  

BA3131 Datasheet(PDF) 7 Page - Rohm

Part # BA3131
Description  Dual operational amplifier with switch, for audio use (3 inputs 횞 1 output 횞 2)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3131 Datasheet(HTML) 7 Page - Rohm

  BA3131 Datasheet HTML 1Page - Rohm BA3131 Datasheet HTML 2Page - Rohm BA3131 Datasheet HTML 3Page - Rohm BA3131 Datasheet HTML 4Page - Rohm BA3131 Datasheet HTML 5Page - Rohm BA3131 Datasheet HTML 6Page - Rohm BA3131 Datasheet HTML 7Page - Rohm BA3131 Datasheet HTML 8Page - Rohm BA3131 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BA3131FS
Standard ICs
!
!
!
!Application example
20
1
19
2
18
3
17
4
16
5
15
6
14
7
13
8
12
9
11
10
Aamp: Gv = 20dB
Bamp: Gv = 10dB
Camp: Gv = 0dB
OUT2
Vcc = 8V
C7
C8
C9
C10
100
µ 0.022µ 22µ
100
µ
BA3131FS
R14
R16
R12
1k
R6
47k
R10
1k
R4
47k
R8
1k
R2
47k
R5
R15
R11
47k
R9
1k
1k
R3
47k
R7
1k
R1
47k
10k
R13
3.3k
10k
3.3k
3.3
µ
3.3
µ
3.3
µ
C6
C5
C4
IN2C
IN2B
IN2A
3.3
µ
C3
C2
C1
IN1A
IN1B
IN1C
3.3
µ
3.3
µ
SW1
SW2
µCOM.
OUT1
Fig.13



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com