Electronic Components Datasheet Search
  English  ▼

X  

BR9010F Datasheet(PDF) 3 Page - Rohm

Part # BR9010F
Description  1, 2, and 4k bit EEPROMs for direct connection to serial ports
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR9010F Datasheet(HTML) 3 Page - Rohm

  BR9010F Datasheet HTML 1Page - Rohm BR9010F Datasheet HTML 2Page - Rohm BR9010F Datasheet HTML 3Page - Rohm BR9010F Datasheet HTML 4Page - Rohm BR9010F Datasheet HTML 5Page - Rohm BR9010F Datasheet HTML 6Page - Rohm BR9010F Datasheet HTML 7Page - Rohm BR9010F Datasheet HTML 8Page - Rohm BR9010F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Memory ICs
BR9010 / BR9010F / BR9010FV / BR9020 / BR9020F /
BR9040 / BR9040F
•Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
Applied voltage
Power dissipation
Storage temperature
Operation temperature
Input voltage
VCC
Pd
Tstg
Topr
—
– 0.3 ~ + 7.0
– 65 ~ + 125
– 40 ~ + 85
V
mW
°C
°C
V
∗ Reduced by 5.0mw∗1 / 3.5mw∗2 / 3.0mw∗3 for each increase in Ta of 1°C over 25°C.
DIP8
SOP8
SSOP-B8
500∗1
350∗2
300∗3
– 0.3 ~ VCC + 0.3
•Recommended operating conditions
Parameter
Symbol
Unit
Limits
Power supply voltage
Input voltage
VCC
VIN
2.7 to 5.5 (write)
2.0 to 5.5 (read)
0 ~ VCC
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com