Electronic Components Datasheet Search
  English  ▼

X  

BR9010F Datasheet(PDF) 1 Page - Rohm

Part # BR9010F
Description  1, 2, and 4k bit EEPROMs for direct connection to serial ports
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR9010F Datasheet(HTML) 1 Page - Rohm

  BR9010F Datasheet HTML 1Page - Rohm BR9010F Datasheet HTML 2Page - Rohm BR9010F Datasheet HTML 3Page - Rohm BR9010F Datasheet HTML 4Page - Rohm BR9010F Datasheet HTML 5Page - Rohm BR9010F Datasheet HTML 6Page - Rohm BR9010F Datasheet HTML 7Page - Rohm BR9010F Datasheet HTML 8Page - Rohm BR9010F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Memory ICs
1, 2, and 4k bit EEPROMs for direct
connection to serial ports
BR9010 / BR9010F / BR9010FV / BR9020 /
BR9020F / BR9040 / BR9040F
•Overview
The BR90 series are serial EEPROMs that can be connected directly to a serial port and can be erased and written
electrically. Writing and reading is performed in word units, using four types of operation commands. Communication
occurs through CS, SK, DI, and DO pins, WC pin control is used to initiate a write disabled state, enabling these
EEPROMs to be used as one-time ROMs. During writing, operation is checked via the internal status check.
•Features
• BR9010 / F / FV (1k bit): 64 words
× 16 bits
BR9020 / F (2k bit): 128 words
× 16 bits
BR9040 / F (4k bit): 256 words
× 16 bits
• Single power supply operation
• Serial data input and output
• Automatic erase-before-write
• Low current consumption
–1.5mA (max.) active current: 3V
–2
µA (max.) standby current: 3V
• Noise filter built into SK pin
• Compact DIP8, SOP8, SSOP-B8 packages (SSOP-
B8 is available only with BR9010).
• 100,000 ERASE / WRITE cycles
• 10 years Data Retention
• Easily connects to serial port
•Pin assignments
1
2
3
4
8
7
6
5
CS
SK
DI
DO
VCC
R / B∗
WC
GND
BR9010 /
BR9020 / 9040
1
2
3
4
8
7
6
5
R / B∗
VCC
CS
SK
WC
GND
DO
DI
BR9010F /
BR9010FV /
BR9020F /
BR9040F
•Pin description
CS
SK
DI
DO
GND
WC
VCC
R / B
Function
Chip select input
Serial data clock input
Operating code, address, and serial data input
Serial data output
Reference voltage for all I / O, 0V
Write control input
READY, BUSY status signal output
Power supply connection
Pin
name
∗ This pin is N.C. (non connection) on BR9010.


Similar Part No. - BR9010F

ManufacturerPart #DatasheetDescription
logo
Rohm
BR9010F-W ROHM-BR9010F-W Datasheet
277Kb / 15P
1k, 2k, 4k, bit EEPROMs for direct connection to serial ports
Rev.A
BR9010FV-W ROHM-BR9010FV-W Datasheet
277Kb / 15P
1k, 2k, 4k, bit EEPROMs for direct connection to serial ports
Rev.A
More results

Similar Description - BR9010F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA04 MICROCHIP-24AA04 Datasheet
93Kb / 12P
4K/8K 1.8V I2C Serial EEPROMs
1996
24LC04B MICROCHIP-24LC04B Datasheet
88Kb / 12P
4K/8K 2.5V I 2 C Serial EEPROMs
2007
logo
Rohm
BR9080AF-W ROHM-BR9080AF-W Datasheet
178Kb / 13P
8k, 16k bit EEPROMs for direct connection to serial ports
BR9080 ROHM-BR9080 Datasheet
121Kb / 11P
8k, 16k bit EEPROMs for direct connection to serial ports
logo
Integral Corp.
IN24LC04 INTEGRAL-IN24LC04 Datasheet
246Kb / 10P
4K/8K 2.5V CMOS Serial EEPROMs
logo
KODENSHI_AUK CORP.
KK24LC04 KODENSHI-KK24LC04 Datasheet
223Kb / 10P
4K/8K 2.5V CMOS Serial EEPROMs
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
WIZnet Co., Ltd
WIZ140SR WIZNET-WIZ140SR Datasheet
2Mb / 13P
Direct Connection to Serial Devices
logo
Rohm
BR9010-W ROHM-BR9010-W Datasheet
277Kb / 15P
1k, 2k, 4k, bit EEPROMs for direct connection to serial ports
Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com