Electronic Components Datasheet Search
  English  ▼

X  

BR9010F Datasheet(PDF) 6 Page - Rohm

Part # BR9010F
Description  1, 2, and 4k bit EEPROMs for direct connection to serial ports
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR9010F Datasheet(HTML) 6 Page - Rohm

Back Button BR9010F Datasheet HTML 2Page - Rohm BR9010F Datasheet HTML 3Page - Rohm BR9010F Datasheet HTML 4Page - Rohm BR9010F Datasheet HTML 5Page - Rohm BR9010F Datasheet HTML 6Page - Rohm BR9010F Datasheet HTML 7Page - Rohm BR9010F Datasheet HTML 8Page - Rohm BR9010F Datasheet HTML 9Page - Rohm BR9010F Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Memory ICs
BR9010 / BR9010F / BR9010FV / BR9020 / BR9020F /
BR9040 / BR9040F
•Electrical characteristics
•BR9040 / F: At 5V (unless otherwise noted, Ta = – 40 to + 85°C, VCC = 5V ± 10%)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Input low level voltage 1
Input high level voltage 1
Input low level voltage 2
Input high level voltage 2
Output low level voltage
Output high level voltage
Input leak current
Output leak current
Standby current
SK frequency
VIL1
VIH1
VIL2
VIH2
VOL
VOH
ILI
ILO
ICC1
ICC2
ISB
fSK
—
0.7
× VCC
—
0.8
× VCC
0
VCC – 0.4
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0.3
× VCC
—
0.2
× VCC
—
0.4
VCC
1
1
2
1
3
1
V
V
V
V
V
V
µA
µA
mA
mA
µA
MHz
DI Pin
DI Pin
CS, SK, WC Pin
CS, SK, WC Pin
IOL = 2.1mA
IOH = – 0.4mA
VIN = 0V ~ VCC
VOUT = 0V ~ VCC CS = VCC
fSK = 1MHz tE / W = 10ms (WRITE)
fSK = 1MHz (READ)
CS, SK, DI, WC, = VCC DO, R / B = OPEN
—
– 1
– 1
Consumption current
during operation
•BR9040 / F: At 3V (unless otherwise noted, Ta = – 40 to + 85°C, VCC = 3V ± 10%)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Input low level voltage 1
Input high level voltage 1
Input low level voltage 2
Input high level voltage 2
Output low level voltage
Output high level voltage
Input leak current
Output leak current
Standby current
SK frequency
VIL1
VIH1
VIL2
VIH2
VOL
VOH
ILI
ILO
ICC1
ICC2
ISB
fSK
—
0.7
× VCC
—
0.8
× VCC
0
VCC – 0.4
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0.3
× VCC
—
0.2
× VCC
—
0.4
VCC
1
1
1.5
500
2
1
750
V
V
V
V
V
V
µA
µA
mA
µA
µA
MHz
kHz
DI Pin
DI Pin
CS, SK, WC Pin
CS, SK, WC Pin
IOL = 100
µA
IOH = – 100
µA
VIN = 0V ~ VCC
VOUT = 0V ~ VCC CS = VCC
fSK = 1MHz tE / W = 15ms (WRITE)
fSK = 1MHz (READ)
CS, SK, DI, WC, = VCC DO, R / B = OPEN
VCC = 3.0 ~ 3.3V
VCC = 2.7 ~ 3.0V
– 1
– 1
Consumption current
during operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com