Electronic Components Datasheet Search
  English  ▼

X  

BR9010F Datasheet(PDF) 8 Page - Rohm

Part # BR9010F
Description  1, 2, and 4k bit EEPROMs for direct connection to serial ports
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR9010F Datasheet(HTML) 8 Page - Rohm

Back Button BR9010F Datasheet HTML 4Page - Rohm BR9010F Datasheet HTML 5Page - Rohm BR9010F Datasheet HTML 6Page - Rohm BR9010F Datasheet HTML 7Page - Rohm BR9010F Datasheet HTML 8Page - Rohm BR9010F Datasheet HTML 9Page - Rohm BR9010F Datasheet HTML 10Page - Rohm BR9010F Datasheet HTML 11Page - Rohm BR9010F Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Memory ICs
BR9010 / BR9010F / BR9010FV / BR9020 / BR9020F /
BR9040 / BR9040F
•Operation timing characteristics
BR9020 / F / FV: At 5V (unless otherwise noted, Ta = – 40 to + 85°C, VCC = 5V ± 10%)
Parameter
Symbol
Unit
Max.
Typ.
Min.
CS setup time
CS hold time
Data setup time
Data hold time
DO rise delay time
DO fall delay time
Self-timing programming cycle
CS minimum high level time
READY / BUSY display valid time
Time when DO goes High-Z (via CS)
Data clock high level time
Data clock low level time
Write control setup time
Write control hold time
tCSS
tCSH
tDIS
tDIH
tPD1
tPD0
tE / W
tCS
tSV
tOH
tWH
tWL
tWCS
tWCH
200
0
150
150
—
—
—
1
—
0
450
450
0
0
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
350
350
10
—
1
400
—
—
—
—
ns
ns
ns
ns
ns
ns
ms
µs
µs
ns
ns
ns
ns
ns
•BR9020 / F / FV: At 3V (unless otherwise noted, Ta = – 40 to + 85°C, VCC = 3V ± 10%)
Parameter
Symbol
Unit
Max.
Typ.
Min.
CS setup time
CS hold time
Data setup time
Data hold time
DO rise delay time
DO fall delay time
Self-timing programming cycle
CS minimum high level time
READY / BUSY display valid time
Time when DO goes High-Z (via CS)
Data clock high level time
Data clock low level time
Write control setup time
Write control hold time
tCSS
tCSH
tDIS
tDIH
tPD1
tPD0
tE / W
tCS
tSV
tOH
tWH
tWL
tWCS
tWCH
200
0
150
150
—
—
—
1
—
0
450
450
0
0
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
350
350
15
—
1
400
—
—
—
—
ns
ns
ns
ns
ns
ns
ms
µs
µs
ns
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com