Electronic Components Datasheet Search
  English  ▼

X  

SA9602E Datasheet(PDF) 8 Page - Sames

Part # SA9602E
Description  SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9602E Datasheet(HTML) 8 Page - Sames

Back Button SA9602E Datasheet HTML 4Page - Sames SA9602E Datasheet HTML 5Page - Sames SA9602E Datasheet HTML 6Page - Sames SA9602E Datasheet HTML 7Page - Sames SA9602E Datasheet HTML 8Page - Sames SA9602E Datasheet HTML 9Page - Sames SA9602E Datasheet HTML 10Page - Sames SA9602E Datasheet HTML 11Page - Sames SA9602E Datasheet HTML 12Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SA9602E
8/14
sames
FOSC
= Oscillator frequency (2MHz ...... 4MHz)
I
I
= Input current for current input (16µA
RMS at rated)
I
V
= Input current for voltage input (14µA
RMS at rated)
I
R
= Reference current (typically 50µA)
XTAL is a colour burst TV crystal (f = 3.5795 MHz) for the oscillator. The oscillator
frequency is divided down to 1.7897 MHz on-chip, to supply the digital circuitry and the
A/D converters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com