Electronic Components Datasheet Search
  English  ▼

X  

SA9602E Datasheet(PDF) 5 Page - Sames

Part # SA9602E
Description  SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9602E Datasheet(HTML) 5 Page - Sames

  SA9602E Datasheet HTML 1Page - Sames SA9602E Datasheet HTML 2Page - Sames SA9602E Datasheet HTML 3Page - Sames SA9602E Datasheet HTML 4Page - Sames SA9602E Datasheet HTML 5Page - Sames SA9602E Datasheet HTML 6Page - Sames SA9602E Datasheet HTML 7Page - Sames SA9602E Datasheet HTML 8Page - Sames SA9602E Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SA9602E
sames
5/14
FUNCTIONAL DESCRIPTION
The SA9602E is a CMOS mixed signal Analog/Digital integrated circuit, which performs
power/energy calculations across a power range of 1000:1, to an overall accurancy of
better than Class 1.
The SA9602E in both DIP-20 and SOIC-20 package options is a direct replacement for
the SA9102E with the advantage of no external loop capacitors.
The integrated circuit includes all the required functions for 1-phase power and energy
measurement such as two oversampling A/D converters for the voltage and current sense
inputs, power calculation and energy integration. Internal offsets are eliminated through
the use of cancellation procedures. The SA9602E generates pulses, the frequency of
which is proportional to the power consumption. Two frequency outputs (FOUT1 and
FOUT2) are available, with a third frequency option available on request. The pulse rate
follows the instataneous power consumption measured.
1.
Power Calculation
In the Application Circuit (Figure 1), the voltage drop across the shunt will be between
0 and 16mV
RMS (0 to 80A through a shunt resistor of 200µΩ).
This voltage is
converted to a current of between 0 and 16µA
RMS, by means of resistors R1 and R2.
The current sense input saturates at an input current of ±25µA peak.
For the voltage sensor input, the mains voltage (230VAC) is divided down through
a divider to 14V. The current into the A/D converter input is set at 14µA
RMS at nominal
mains voltage, via resistor R4 (1M
Ω).
In this configuration, with a mains voltage of 230V and a current of 80A, the output
frequency of the SA9602E power meter chip at FOUT1 (Pin 12) is 1.16kHz. In this
case 1 pulse will correspond to an energy consumption of 18.4kW/1160Hz =
15.9Ws.
The output frequency at FOUT2 is FOUT1 /290 (i.e. The frequency ouput at FOUT1
divided by 290).
2.
Analog Input Configuration
The input circuitry of the current and voltage sensor inputs are illustrated below.
These inputs are protected against electrostatic discharge through clamping diodes.
The feedback loops from the outputs of the amplifiers A
I and AV generate virtual
shorts on the signal inputs. Exact duplications of the input currents are generated
for the analog signal processing circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com