Electronic Components Datasheet Search
  English  ▼

X  

SA9602E Datasheet(PDF) 3 Page - Sames

Part # SA9602E
Description  SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9602E Datasheet(HTML) 3 Page - Sames

  SA9602E Datasheet HTML 1Page - Sames SA9602E Datasheet HTML 2Page - Sames SA9602E Datasheet HTML 3Page - Sames SA9602E Datasheet HTML 4Page - Sames SA9602E Datasheet HTML 5Page - Sames SA9602E Datasheet HTML 6Page - Sames SA9602E Datasheet HTML 7Page - Sames SA9602E Datasheet HTML 8Page - Sames SA9602E Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SA9602E
sames
3/14
ELECTRICAL CHARACTERISTICS
(V
DD = 2.5V, VSS = -2.5V, over the temperature range -10°C to +70°C
#
, unless otherwise
specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Operating temperature
range #
T
O
-25
+85
°C
Supply Voltage: Positive
V
DD
2.25
2.75
V
Supply Voltage: Negative
V
SS
-2.75
-2.25
V
Supply Current: Positive
I
DD
56
mA
Supply Current: Negative
I
SS
56
mA
Current Sensor Inputs (Differential)
Input Current Range
I
II
-25
+25
µA
Peak value
Voltage Sensor Input (Asymmetrical)
Input Current Range
I
IV
-25
+25
µA
Peak value
Pins FOUT1, FOUT2
Output Low Voltage
V
OL
V
SS+1
V
I
OL = 5mA
Output High Voltage
V
OH
V
DD-1
V
I
OH = -2mA
Pulse Rate FOUT1
f
P
10
1160
Hz
Specified linearity
0.5
3000
Hz
Min and max limits
FOUT21
f
P2
f
P/290
ABSOLUTE MAXIMUM RATINGS*
Parameter
Symbol
Min
Max
Unit
Supply Voltage
V
DD -VSS
-0.3
6.0
V
Current on any pin
I
PIN
-150
+150
mA
Storage Temperature
T
STG
-40
+125
°C
Operating Temperature
T
O
-40
+85
°C
* Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only. Functional operation of the device
at these or any other condition above those indicated in the operational sections of this
specification, is not implied. Exposure to Absolute Maximum Ratings for extended
periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com