Electronic Components Datasheet Search
  English  ▼

X  

SA9602E Datasheet(PDF) 1 Page - Sames

Part # SA9602E
Description  SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9602E Datasheet(HTML) 1 Page - Sames

  SA9602E Datasheet HTML 1Page - Sames SA9602E Datasheet HTML 2Page - Sames SA9602E Datasheet HTML 3Page - Sames SA9602E Datasheet HTML 4Page - Sames SA9602E Datasheet HTML 5Page - Sames SA9602E Datasheet HTML 6Page - Sames SA9602E Datasheet HTML 7Page - Sames SA9602E Datasheet HTML 8Page - Sames SA9602E Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
sames
1/14
SA9602E
FEATURES
n
Pin and functionally compatible with the
SA9102E with reduced external
components
n
Performs unidirectional power and
energy measurement
n
Meets the IEC 521/1036 Specification
requirements for Class 1 AC Watt hour
meters
n
Protected against ESD
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY
METERING IC WITH INSTANTANEOUS PULSE OUTPUT
4448
PDS039-SA9602E-001
REV. D
17-06-97
Package: DIP-14
n
Total power consumption rating below
25mW
n
Adaptable to different types of current
sensors
n
Operates over a wide temperature range
n
Precision voltage reference on-chip
n
Different pulse rate options available
DESCRIPTION
The SAMES SA9602E is an enhancement of
the SA9102E, as no external capacitors are
required for the A/D converters.
The SAMES SA9602E Single Phase
unidirectional Power/Energy metering
integrated circuit generates a pulse rate output,
the frequency of which is proportional to the
power consumption. The SA9602E performs
the calculation for active power.
The method of calculation takes the power
factor into account.
Energy consumption can be determined by
the power measurement being integrated over
time.
This innovative universal single phase power/
energy metering integrated circuit is ideally
suited for energy calculations in applications
such as residential municipal metering and
factory energy metering and control.
The SA9602E integrated circuit is available in
both 14 and 20 pin dual-in-line plastic (DIP-14/
DIP-20), as well as 20 pin small outline (SOIC-
20) package types.
PIN CONNECTIONS
OS C1
DR-0108 8
7
OS C2
IIP
VR EF
TE ST
DD
V
IIN
2
6
5
4
3
1
FO UT 1
8
IVP
TP 12
GN D
SS
TP 11
FO UT 2
13
V
9
10
11
12
14


Similar Part No. - SA9602E

ManufacturerPart #DatasheetDescription
logo
Sames
SA9602ESAR SAMES-SA9602ESAR Datasheet
441Kb / 10P
Single Phase Unidirectional Power
SA9602E SAMES-SA9602E_17 Datasheet
441Kb / 10P
Single Phase Unidirectional Power
More results

Similar Description - SA9602E

ManufacturerPart #DatasheetDescription
logo
Sames
SA2002H SAMES-SA2002H Datasheet
147Kb / 12P
Single Phase Bi-directional Power / Energy Metering IC with Instantaneous Pulse Output
SA9102C SAMES-SA9102C Datasheet
60Kb / 12P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC PULSE OUTPUT
SA9102F SAMES-SA9102F Datasheet
156Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9105E SAMES-SA9105E Datasheet
123Kb / 12P
THREE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602F SAMES-SA9602F Datasheet
72Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602H SAMES-SA9602H Datasheet
167Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9605A SAMES-SA9605A Datasheet
107Kb / 14P
THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Integral Corp.
IL19006 INTEGRAL-IL19006 Datasheet
282Kb / 12P
THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
ILA19002 INTEGRAL-ILA19002 Datasheet
290Kb / 12P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Sames
SA2002E SAMES-SA2002E Datasheet
90Kb / 10P
Single Phase Uni-directional Power / Energy Metering IC with Instantaneous Pulse Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com