Electronic Components Datasheet Search
  English  ▼

X  

SA9602E Datasheet(PDF) 4 Page - Sames

Part # SA9602E
Description  SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9602E Datasheet(HTML) 4 Page - Sames

  SA9602E Datasheet HTML 1Page - Sames SA9602E Datasheet HTML 2Page - Sames SA9602E Datasheet HTML 3Page - Sames SA9602E Datasheet HTML 4Page - Sames SA9602E Datasheet HTML 5Page - Sames SA9602E Datasheet HTML 6Page - Sames SA9602E Datasheet HTML 7Page - Sames SA9602E Datasheet HTML 8Page - Sames SA9602E Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SA9602E
4/14
sames
ELECTRICAL CHARACTERISTICS (Continued)
(V
DD = 2.5V, VSS = -2.5V, over the temperature range -10°C to +70°C
#, unless otherwise
specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Pin VREF
With R = 24k
Ref. Current
-I
R
45
50
55
µA
connected to V
SS
Ref. Voltage
V
R
1.1
1.3
V
Referred to V
SS
Oscillator
Recommended crystal:
TV colour burst crystal f = 3.5795 MHz
Note1:
Two additional bondout options of FOUT2 are available on request: f
p/4 and
f
p/16.
#
Extended Operating Temperature Range available on request.
PIN DESCRIPTION
14 Pin
20 Pin
Designation
Description
14
20
GND
Ground
5
8
V
DD
Positive Supply Voltage
10
14
V
SS
Negative Supply Voltage
13
19
IVP
Analog input for Voltage
1
1
IIN
Inputs for current sensor
2
2
IIP
7
11
OSC1
Connections for crystal or ceramic resonator
6
10
OSC2
(OSC1 = Input ; OSC2 = Output)
8
12
FOUT1
First pulse rate output
9
13
FOUT2
Second pulse rate output
3
3
VREF
Connection for current setting resistor
4
7
TEST
Test Pin. Tie to VSS for protection in case of HV
transients
5
TP5
Test Pin (Leave unconnected)
6
TP6
9
TP9
11
TP11
12
TP12
15
TP15
16
TP16
17
TP17
18
TP18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com