Electronic Components Datasheet Search
  English  ▼

X  

KB2502 Datasheet(PDF) 49 Page - Samsung semiconductor

Part # KB2502
Description  VIDEO AMP MERGED OSD PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB2502 Datasheet(HTML) 49 Page - Samsung semiconductor

Back Button KB2502 Datasheet HTML 45Page - Samsung semiconductor KB2502 Datasheet HTML 46Page - Samsung semiconductor KB2502 Datasheet HTML 47Page - Samsung semiconductor KB2502 Datasheet HTML 48Page - Samsung semiconductor KB2502 Datasheet HTML 49Page - Samsung semiconductor KB2502 Datasheet HTML 50Page - Samsung semiconductor KB2502 Datasheet HTML 51Page - Samsung semiconductor KB2502 Datasheet HTML 52Page - Samsung semiconductor KB2502 Datasheet HTML 53Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
KB2502
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
48
Preliminary
•
PLL of the KB2502
PLL is composed of the phase detector, charge pump, VCO, and N-divider as 4 sub-blocks.
The following is the description of the input/output signals.
- HFLB (Input)
Horizontal flyback signal is refrence signal of the PLL built in KB2502.
The HFLB signal's frequency range is 15 ~ 90kHz, so the PLL block must be a wide range PLL that can cover
HFLB's entire frequency range.
- VCO (Input)
Error signal that passes through an external loop filter is input into VCO.
Operation voltage range is 1-4V. You can raise immunity towards external noise by lowering VCO
sensitivity. You can do this by making it have the maximum operation voltage range possible in the 5V power
voltage.
Figure 23. Block Diagram of the PLL Built in KB2502
Phase
Detector
Charge
Pump
VCO
N-Divider
Loop
Filter
VCO_in
(Pin3)
Div_out
HFLB (Pin32)
CP_out
(Pin4)
VCO_out
CP0
CP1
DOT0
DOT1
HF0 HF1 HF2
# Composed of External Components
fHFLB
< 0.4V
> 4.2V
~2us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com