Electronic Components Datasheet Search
  English  ▼

X  

KB2502 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # KB2502
Description  VIDEO AMP MERGED OSD PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB2502 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button KB2502 Datasheet HTML 4Page - Samsung semiconductor KB2502 Datasheet HTML 5Page - Samsung semiconductor KB2502 Datasheet HTML 6Page - Samsung semiconductor KB2502 Datasheet HTML 7Page - Samsung semiconductor KB2502 Datasheet HTML 8Page - Samsung semiconductor KB2502 Datasheet HTML 9Page - Samsung semiconductor KB2502 Datasheet HTML 10Page - Samsung semiconductor KB2502 Datasheet HTML 11Page - Samsung semiconductor KB2502 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2502
7
Preliminary
18
21
24
Blue video output
(BOUT)
Green video output
(GOUT)
Red video output
(ROUT)
Video signal output
27
26
25
Red cut-off control
(RCT)
Green cut-off control
(GCT)
Blue cut-off control
(BCT)
Cut-off control output
29
SCL
Serial clock input port of I2C bus
30
SDA
Serial data input port of I2C bus
Table 2. Pin Description (Continued)
Pin No
Pin Name
Schematic
Description
Isink
0.04K
VCC
Video_Out
0.5K
0.05K
CTX
0.2K
0-600uA 0-200uA 50uA 100uA
SCL
SCL
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com