Electronic Components Datasheet Search
  English  ▼

X  

KB2502 Datasheet(PDF) 12 Page - Samsung semiconductor

Part # KB2502
Description  VIDEO AMP MERGED OSD PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB2502 Datasheet(HTML) 12 Page - Samsung semiconductor

Back Button KB2502 Datasheet HTML 8Page - Samsung semiconductor KB2502 Datasheet HTML 9Page - Samsung semiconductor KB2502 Datasheet HTML 10Page - Samsung semiconductor KB2502 Datasheet HTML 11Page - Samsung semiconductor KB2502 Datasheet HTML 12Page - Samsung semiconductor KB2502 Datasheet HTML 13Page - Samsung semiconductor KB2502 Datasheet HTML 14Page - Samsung semiconductor KB2502 Datasheet HTML 15Page - Samsung semiconductor KB2502 Datasheet HTML 16Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2502
11
Preliminary
AC ELECTRICAL CHARACTERISTICS
(Tamb = 25
°C, V
CC = 12V, VDD = VDDA = 5V, ABL input voltage = 5V, HFLB input signal = S3, load resistors =
470
Ω, Vin = 0.7Vpp manually adjust video output pins 18, 21 and 24 to 4V DC for the AC test
(see 11) unless
otherwise stated (see 12)
)
Table 6. AC Electrical Characteristics
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
Contrast max. output voltage
Vcff
03, 05, 06, 07 = FFH
04, 08 ~ 0C = 80H
RGB input = S1
5.0
5.7
6.4
Vpp
Contrast max. output channel difference
∆ Vcff
∆ 10
-
-
%
Contrast center output voltage
Vc80
03, 04, 08 ~ 0C = 80H
05, 06, 07 = FFH
RGB input = S1
2.5
2.85
3.2
Vpp
Contrast center output channel difference
∆ Vc80
∆ 10
-
-
%
Contrast max. - Center attenuation
C
C = 20log (Vc80/Vcff)
-8
-6
-4
dB
Sub contrast center output voltage
Vd80
03 = FFH
04 ~ 0C = 80H
RGB input = S1
2.3
2.6
2.9
Vpp
Sub contrast center output channel
difference
∆ Vd80
∆ 10
-
-
%
Sub contrast min. output voltage
Vd00
03 = FFH, 05 ~ 07: 00H
04, 08 ~ 0C = 80H
RGB input = S1
1.3
1.6
1.9
Vpp
Sub contrast min. output channel difference
∆ Vd00
∆ 10
-
-
%
Sub contrast max. - min. attenuation
D
D = 20log (Vd00/Vcff)
-14
-12
-10
dB
ABL control range
ABL
(see 15)
-12
-10
-8
dB
R/G/B video rising time (see 7)
tr (video)
03, 05 ~ 07: FFH
04, 08 ~ 0C: 80H
RGB input = S2
-
2.2
2.8
ns
R/G/B video falling time (see 7)
tf (video)
-
2.2
2.8
ns
R/G/B blank output rising time (see 7)
tr (blank)
POR
HFLB: S4
-
6.0
12.0
ns
R/G/B blank output falling time (see 7)
tf (blank)
-
8.0
15.0
ns
R/G/B video band width (see 7, 8)
f (-3dB)
(see 16)
175
-
-
MHz
Video AMP 50MHz cross talk
CT_50M
(see7, 9)
(see 17)
-
-25
-20
dB
Video AMP 130MHz cross talk
CT_130M
(see7, 9)
(see 18)
-
-15
-10
dB
Absolute gain match
Avmatch (see 6)
-1
-
1
dB
Gain change between amplifier
Avtrack (see 7)
-1
-
1
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com