Electronic Components Datasheet Search
  English  ▼

X  

KB2502 Datasheet(PDF) 32 Page - Samsung semiconductor

Part # KB2502
Description  VIDEO AMP MERGED OSD PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB2502 Datasheet(HTML) 32 Page - Samsung semiconductor

Back Button KB2502 Datasheet HTML 28Page - Samsung semiconductor KB2502 Datasheet HTML 29Page - Samsung semiconductor KB2502 Datasheet HTML 30Page - Samsung semiconductor KB2502 Datasheet HTML 31Page - Samsung semiconductor KB2502 Datasheet HTML 32Page - Samsung semiconductor KB2502 Datasheet HTML 33Page - Samsung semiconductor KB2502 Datasheet HTML 34Page - Samsung semiconductor KB2502 Datasheet HTML 35Page - Samsung semiconductor KB2502 Datasheet HTML 36Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2502
31
Preliminary
V-AMP Control
Registers - 8
(Row 15,
Column 11)
BWB7 ~ BWB0
(bit7 ~ 0)
B channel cut-off control.
The cut-off adjustment B used to adjust the raster white balance.
V-AMP Control
Registers - 9
(Row 15,
Column 12)
CUT7 ~ CUT0
(bit7 ~ 0)
The cut-off brightness adjustment is made by simultaneously controlling
the external cut-off current.
V-AMP Control
Registers - 10
(Row 15,
Column 13)
HT
(bit 0)
Video & OSD half tone enable.
If you set this bit to ’1’, the half tone function is on.
Then you can see the video signal & OSD raster.
HS3 ~ HS1
(bit3 ~ 1)
HS3 ~ HS1 bits select OSD raster color 1 to be half tone.
To carry out half tone function, set the HT bit to ’1’.
HS6 ~ HS4
(bit6 ~ 4)
HS6 ~ HS4 bits select OSD raster color 2 to be half tone.
To carry out half tone function, set the HT bit to ’1’.
SB
(bit 7)
Soft blanking enable
If you set this bit ’1’, the R/G/B outputs go to GND.
Tabel 4. Register Description (Continued)
Registers
Bits
Description
HS3
HS2
HS1
OSD
Raster
Color 1
POR
G
R
B
0
0
0
0
0
0
Black
O
0
0
1
0
0
1
Blue
0
1
0
0
1
0
Red
0
1
1
0
1
1
Magenta
1
0
0
1
0
0
Green
1
0
1
1
0
1
Cyan
1
1
0
1
1
0
Yellow
1
1
1
1
1
1
White
HS6
HS5
HS4
OSD
Raster
Color 2
POR
G
R
B
0
0
0
0
0
0
Black
O
0
0
1
0
0
1
Blue
0
1
0
0
1
0
Red
0
1
1
0
1
1
Magenta
1
0
0
1
0
0
Green
1
0
1
1
0
1
Cyan
1
1
0
1
1
0
Yellow
1
1
1
1
1
1
White



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com