Electronic Components Datasheet Search
  English  ▼

X  

KB2502 Datasheet(PDF) 52 Page - Samsung semiconductor

Part # KB2502
Description  VIDEO AMP MERGED OSD PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB2502 Datasheet(HTML) 52 Page - Samsung semiconductor

Back Button KB2502 Datasheet HTML 48Page - Samsung semiconductor KB2502 Datasheet HTML 49Page - Samsung semiconductor KB2502 Datasheet HTML 50Page - Samsung semiconductor KB2502 Datasheet HTML 51Page - Samsung semiconductor KB2502 Datasheet HTML 52Page - Samsung semiconductor KB2502 Datasheet HTML 53Page - Samsung semiconductor KB2502 Datasheet HTML 54Page - Samsung semiconductor KB2502 Datasheet HTML 55Page - Samsung semiconductor KB2502 Datasheet HTML 56Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 62 page
background image
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2502
51
Preliminary
•
PLL Control Bit
After configuring an external circuit using the recommended values, carry out programming using the
recommended values for frequency range and control bits given in the Table below.
(Ref: 800
× 600, C1: 562, R1: 5.6K, R2: 27K, R3: 30M)
•
Locking Range
As you can see the figure below, it is 2.35V that measured voltage at pin-3 to optimize OSD quality. The proper
voltage range is 1.5 ~ 3.25V.
Table 15. Recommend Values of PLL Control Bit
Register Set
PLL Control Bit
Freq. Range
CP1
CP0
FPLL
HF2
HF1
HF0
DOT1
DOT0
Hex
Below 40kHz
0
0
0
0
1
0
1
1
0B
40 - 50kHz
1
0
0
1
0
0
1
1
93
50 - 70kHz
1
0
0
1
0
1
1
1
97
Above 70kHz
1
0
0
1
1
1
1
1
9F
Figure 25. Locking Range
1.625V
fmax
f0
-2¥ð
1.625V
2¥ð
fL
fC
Locking Range
Ve (min)
Ve (max)
0.75V
1.5V
2.37V
3.25V
4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com