Electronic Components Datasheet Search
  English  ▼

X  

S3P9404 Datasheet(PDF) 13 Page - Samsung semiconductor

Part # S3P9404
Description  SAM87Ri family of 8-bit single-chip CMOS microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P9404 Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button S3P9404 Datasheet HTML 9Page - Samsung semiconductor S3P9404 Datasheet HTML 10Page - Samsung semiconductor S3P9404 Datasheet HTML 11Page - Samsung semiconductor S3P9404 Datasheet HTML 12Page - Samsung semiconductor S3P9404 Datasheet HTML 13Page - Samsung semiconductor S3P9404 Datasheet HTML 14Page - Samsung semiconductor S3P9404 Datasheet HTML 15Page - Samsung semiconductor S3P9404 Datasheet HTML 16Page - Samsung semiconductor S3P9404 Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
S3C9404/P9404/C9414/P9414
ELECTRICAL DATA
13-5
Table 13-4. Oscillator Characteristics
(TA = – 40°C to + 85°C)
Oscillator
Clock Circuit
Test Condition
Min
Typ
Max
Unit
Main crystal or
ceramic
C2
XIN
XOUT
C1
V
DD = 4.5 to 5.5 V
V
DD = 2.7 to 4.5 V
1
1
–
–
10
8
MHz
External clock
XIN
XOUT
V
DD = 4.5 to 5.5 V
V
DD = 2.7 to 4.5 V
1
1
–
–
10
8
RC oscillator
R
XIN
XOUT
V
DD = 4.75 to 5.25 V
R = 8.2K
–
4
(P1.3/
CLO)
–
Table 13-5. Oscillation Stabilization Time
(TA = – 40°C to + 85°C, VDD = 2.7 V to 5.5 V)
Oscillator
Test Condition
Min
Typ
Max
Unit
Main crystal
f
OSC > 1.0 MHz
–
–
20
ms
Main ceramic
Oscillation stabilization occurs when V
DD is equal
to the minimum oscillator voltage range.
–
–
10
External clock
(main system)
X
IN input high and low width (tXH, tXL)
25
–
500
ns
Oscillator
stabilization
t
WAIT when released by a reset
(1)
–
216/f
OSC
–
ms
wait time
t
WAIT when released by an interrupt
(2)
–
–
–
NOTES:
1.
fOSC is the oscillator frequency.
2.
The duration of the oscillator stabilization wait time, tWAIT, when it is released by an interrupt is determined by the
settings in the basic timer control register, BTCON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com