Electronic Components Datasheet Search
  English  ▼

X  

S3P9404 Datasheet(PDF) 20 Page - Samsung semiconductor

Part # S3P9404
Description  SAM87Ri family of 8-bit single-chip CMOS microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P9404 Datasheet(HTML) 20 Page - Samsung semiconductor

Back Button S3P9404 Datasheet HTML 16Page - Samsung semiconductor S3P9404 Datasheet HTML 17Page - Samsung semiconductor S3P9404 Datasheet HTML 18Page - Samsung semiconductor S3P9404 Datasheet HTML 19Page - Samsung semiconductor S3P9404 Datasheet HTML 20Page - Samsung semiconductor S3P9404 Datasheet HTML 21Page - Samsung semiconductor S3P9404 Datasheet HTML 22Page - Samsung semiconductor S3P9404 Datasheet HTML 23Page - Samsung semiconductor S3P9404 Datasheet HTML 24Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
ELECTRICAL DATA
S3C9404/P9404/C9414/P9414
13-12
10
30
50
20
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VOL (V)
IOL (mA)
VDD = 4.5 V
VDD = 5.0 V
VDD = 5.5 V
40
Figure 13-7. I
OL vs. VOL (P1–P3, TA = 25 °
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com