Electronic Components Datasheet Search
  English  ▼

X  

S3P9404 Datasheet(PDF) 18 Page - Samsung semiconductor

Part # S3P9404
Description  SAM87Ri family of 8-bit single-chip CMOS microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P9404 Datasheet(HTML) 18 Page - Samsung semiconductor

Back Button S3P9404 Datasheet HTML 14Page - Samsung semiconductor S3P9404 Datasheet HTML 15Page - Samsung semiconductor S3P9404 Datasheet HTML 16Page - Samsung semiconductor S3P9404 Datasheet HTML 17Page - Samsung semiconductor S3P9404 Datasheet HTML 18Page - Samsung semiconductor S3P9404 Datasheet HTML 19Page - Samsung semiconductor S3P9404 Datasheet HTML 20Page - Samsung semiconductor S3P9404 Datasheet HTML 21Page - Samsung semiconductor S3P9404 Datasheet HTML 22Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ELECTRICAL DATA
S3C9404/P9404/C9414/P9414
13-10
Table 13-9. Zero Crossing Detector
(TA = – 40°C to + 85°C, VDD = 4.5 V to 5.5 V, VSS = 0 V)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Zero-crossing
detection input
voltage
V
ZC
AC connection
c = 0.1
µF
1.0
–
3.0
Vp-p
Zero-crossing
detection accuracy
V
AZC
f
ZC = 60 Hz
(sine wave)
V
DD = 5 V
f
OSC = 10 MHz
–
–
± 150
mV
Zero-crossing
detection input
frequency
f
ZC
–
40
–
200
Hz
AC Input
ZCINT
1/fZC
VAZC
VAZ(P-P)
Figure 13-5. Zero Crossing Waveform Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com