Electronic Components Datasheet Search
  English  ▼

X  

S3P9404 Datasheet(PDF) 17 Page - Samsung semiconductor

Part # S3P9404
Description  SAM87Ri family of 8-bit single-chip CMOS microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P9404 Datasheet(HTML) 17 Page - Samsung semiconductor

Back Button S3P9404 Datasheet HTML 13Page - Samsung semiconductor S3P9404 Datasheet HTML 14Page - Samsung semiconductor S3P9404 Datasheet HTML 15Page - Samsung semiconductor S3P9404 Datasheet HTML 16Page - Samsung semiconductor S3P9404 Datasheet HTML 17Page - Samsung semiconductor S3P9404 Datasheet HTML 18Page - Samsung semiconductor S3P9404 Datasheet HTML 19Page - Samsung semiconductor S3P9404 Datasheet HTML 20Page - Samsung semiconductor S3P9404 Datasheet HTML 21Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
S3C9404/P9404/C9414/P9414
ELECTRICAL DATA
13-9
Table 13-8. A/D Converter Electrical Characteristics (S3C9414)
(TA = – 40°C to + 85°C, VDD = 2.7 V to 5.5 V, VSS = 0 V)
S3C9414: 10-bit ADC
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Resolution
–
10
–
bit
Total accuracy
V
DD = 5.12 V
–
–
± 3
LSB
Integral linearity
error
ILE
CPU clock = 10 MHz
AV
REF = 5.12 V
–
± 2
Differential
linearity error
DLE
AV
SS = 0 V
–
± 1
Offset error of
top
EOT
± 1
± 3
Offset error of
bottom
EOB
± 0.5
± 2
Conversion time
(1)
t
CON
10-bit conversion
50 x 4/ f
OSC
(3)
20
–
–
µs
Analog input
voltage
V
IAN
–
AV
SS
–
AV
REF
V
Analog input
impedance
R
AN
–
2
–
–
M
Ω
Analog
reference
voltage
AV
REF
–
2.5
–
V
DD
V
Analog ground
AV
SS
–
V
SS
–
V
SS + 0.3
V
Analog input
current
I
ADIN
AV
REF = VDD = 5 V
conversion time = 20
µs
–
–
10
µA
Analog block
current (2)
I
ADC
AV
REF = VDD = 5 V
conversion time = 20
µs
1
3
mA
AV
REF = VDD = 3 V
conversion time = 20
µs
0.5
1.5
mA
AV
REF = VDD = 5 V
when power down mode
100
500
nA
NOTES:
1.
"Conversion time" is the time required from the moment a conversion operation starts until it ends.
2.
IADC is operating current during A/D conversion.
3.
fOSC is the main oscillator clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com