Electronic Components Datasheet Search
  English  ▼

X  

S3P9404 Datasheet(PDF) 31 Page - Samsung semiconductor

Part # S3P9404
Description  SAM87Ri family of 8-bit single-chip CMOS microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P9404 Datasheet(HTML) 31 Page - Samsung semiconductor

Back Button S3P9404 Datasheet HTML 24Page - Samsung semiconductor S3P9404 Datasheet HTML 25Page - Samsung semiconductor S3P9404 Datasheet HTML 26Page - Samsung semiconductor S3P9404 Datasheet HTML 27Page - Samsung semiconductor S3P9404 Datasheet HTML 28Page - Samsung semiconductor S3P9404 Datasheet HTML 29Page - Samsung semiconductor S3P9404 Datasheet HTML 30Page - Samsung semiconductor S3P9404 Datasheet HTML 31Page - Samsung semiconductor S3P9404 Datasheet HTML 32Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
S3C9404/P9404/C9414/P9414
S3P9404/P9414 OTP
15-5
Table 15-1. Descriptions of Pins Used to Read/Write the EPROM
Main Chip
During Programming
Pin Name
Pin Name
Pin No.
I/O
Function
P0.3
SDAT
S3P9404: 28 (30)
S3P9414: 22 (22)
I/O
Serial data pin (output when reading, Input
when writing) Input and push-pull output
port can be assigned
P0.2
SCLK
S3P9404: 29 (31)
S3P9414: 23 (23)
I/O
Serial clock pin (input only pin)
TEST
V
PP (TEST)
4
I
Power supply pin for EPROM cell writing
(indicates that OTP enters into the writing mode).
When 12.5 V is applied, OTP is in writing mode
and when 5 V is applied, OTP is in reading
mode. (Option)
RESET
RESET
7
I
Chip Initialization
V
DD/VSS
V
DD/VSS
S3P9404: 30 (32) / 1
S3P9414: 24 (24) / 1
I
Logic power supply pin.
NOTE: ( ) means the SOP OTP pin number.
Table 15-2. Comparison of S3P9404/P9414and S3C9404/C9414 Features
Characteristic
S3P9404/P9414
S3C9404/C9414
Program Memory
4-Kbyte EPROM
4-Kbyte mask ROM
Operating Voltage (VDD)
2.7 V to 5.5 V
2.7 V to 5.5 V
OTP Programming Mode
VDD = 5 V, VPP (TEST) = 12.5 V
Pin Configuration
30 SDIP/32 SOP/24 SDIP/24 SOP
EPROM Programmability
User Program 1 time
Programmed at the factory
OPERATING MODE CHARACTERISTICS
When 12.5 V is supplied to the VPP (TEST) pin of the S3P9404/P9414, the EPROM programming mode is
entered. The operating mode (read, write, or read protection) is selected according to the input signals to the pins
listed in Table 15-3 below.
Table 15-3. Operating Mode Selection Criteria
VDD
VPP
(TEST)
REG/
MEM
MEM
ADDRESS
(A15-A0)
R/W
MODE
5 V
5 V
0
0000H
1
EPROM read
12.5 V
0
0000H
0
EPROM program
12.5 V
0
0000H
1
EPROM verify
12.5 V
1
0E3FH
0
EPROM read protection
NOTE: "0" means Low level; "1" means High level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com