Electronic Components Datasheet Search
  English  ▼

X  

TAS5715 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5715
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5715 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TAS5715 Datasheet HTML 31Page - Texas Instruments TAS5715 Datasheet HTML 32Page - Texas Instruments TAS5715 Datasheet HTML 33Page - Texas Instruments TAS5715 Datasheet HTML 34Page - Texas Instruments TAS5715 Datasheet HTML 35Page - Texas Instruments TAS5715 Datasheet HTML 36Page - Texas Instruments TAS5715 Datasheet HTML 37Page - Texas Instruments TAS5715 Datasheet HTML 38Page - Texas Instruments TAS5715 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 74 page
background image
Input Level (dB)
T
M0176-01
1:1 Transfer Function
Implemented Transfer Function
S
Z
–1
AlphaFilterStructure
w
a
B0265-05
Attack/Release
SofteningFilter
Threshold
DRC1
DRC2
0x3C
0x3B
0x40
0x43
0x3E
0x3F
TAS5715
www.ti.com
SLOS645 – AUGUST 2010
Automatic Gain Limit (DRC)
The DRC scheme has a single programmable threshold. There is one ganged DRC for the high-band left/right
channels and one DRC for the low-band left/right channels.
The DRC input/output diagram is shown in Figure 48.
Professional-quality dynamic range compression automatically adjusts volume to flatten volume level.
• Each DRC has adjustable threshold levels.
• Programmable attack, release, and softening-filter constants
• Transparent compression: compressors can attack fast enough to avoid apparent clipping before engaging,
and decay times can be set slow enough to avoid pumping.
Figure 48. Automatic Gain Limit
T = 9.23 format, all other DRC coefficients are 3.23 format
Figure 49. DRC Filter Structure
DRC acts more like a gain limiter (automatic gain limiter, AGL). The block works to reduce the peak of energy if it
goes beyond the programmable threshold level. DRC starts an attack event (reduces gain) if energy goes above
the threshold. Similarly, it starts a release event if the level goes below the threshold (increases gain back to the
original value).
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): TAS5715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com