Electronic Components Datasheet Search
  English  ▼

X  

TAS5715 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5715
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5715 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TAS5715 Datasheet HTML 39Page - Texas Instruments TAS5715 Datasheet HTML 40Page - Texas Instruments TAS5715 Datasheet HTML 41Page - Texas Instruments TAS5715 Datasheet HTML 42Page - Texas Instruments TAS5715 Datasheet HTML 43Page - Texas Instruments TAS5715 Datasheet HTML 44Page - Texas Instruments TAS5715 Datasheet HTML 45Page - Texas Instruments TAS5715 Datasheet HTML 46Page - Texas Instruments TAS5715 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 74 page
background image
HP/
(SE/
)
SPKR
BTL
VALID
PWM_A(L+)
PWM_C(R+)
PWM_B(L–)
PWM_D(R–)
I C:SCL
SDA
2
HPSD
FAULT
(A0/
)
PDN
HPL/R
t
(mute)
t
(mute)
Mute
Exit
ACSD
Enter
ACSD
HP
Config
Enable
FAULT
Disable
FAULT
Unmute
Spkr
Config
Enter
ACSD
50%
Mute
Exit
ACSD
SpkrL–/R–
SpkrL+/R+
Unmute
(ifnotdonein
SpkrConfig)
SpkrL+/R+
SpkrL–/R–
50%
Hi-Z(Ext.Pulldown)
t
(enterSD)
t
(exitSDHPamp)
t
(enterSDHPamp)
t
(exitSDHP)
t
(exitSD)
=1Output
FAULT
T0452-01
TAS5715
www.ti.com
SLOS645 – AUGUST 2010
Headphone Usage
Headphone/Speaker Configuration
PARAMETE
DESCRIPTION
MIN
TYP
MAX
UNIT
R
t(mute)
Mute volume ramp wait time (t(volramp) given by register 0x0E <2:0>)
5 + 1.3 × t(volramp)
ms
Exit shutdown wait time before issuing further commands to device (t(start)
t(exitSD)
1 + 1.3 × t(start)
ms
given by regioster 0x1A<4:0>)
Enter shutdown wait time before issuing further commands to device (t(stop)
t(enterSD)
1 + 1.3 × t(stop)
ms
given by regioster 0x1A<4:0>)
Exit shutdown wait time before enabling external headphone amp (t(HPchg)
t(exitSDHP)
1 + 1.3 × t(HPchg)
ms
given by register 0x1A<6:5>)
Headphone amp exit shutdown wait time before unmuting (t(HPamp) given by
t(exitSDHPamp)
1 + 1.3 × t(HPamp)
ms
register 0x1C<7:4>)
Headphone amp enter shutdown wait time before entering ACSD (t(HPamp)
t(enterSDHPamp)
1 + 1.3 × t(HPamp)
ms
given by register 0x1C<7:4>)
Figure 57. Headphone Control Use Model
Speaker Configuration
• Registers 0x07–0x0B
Master/channel speaker volume
• Register 0x19
SDG = 0x30 or 0x00 (no channels in SDG)
• Registers 0x11–0x12
ICD1/2 = {0xB8, 0x60}
• Register 0x1A<7>
Clear bit for speaker mode (HP/SPKR = 0)
• Register 0x1A<4:0>
Set to 0 1000 for 16.5-ms start/stop period
• Register 0x20<23>
Set bit for Ch1 BD mode
• Register 0x20<19>
Set bit for Ch2 BD mode
• Register 0x46<1:0>
Set both bits to enable DRC1 and DRC2
• Register 0x50<7>
Clear bit to enable EQ
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Link(s): TAS5715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com