Electronic Components Datasheet Search
  English  ▼

X  

TAS5715 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5715
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5715 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TAS5715 Datasheet HTML 29Page - Texas Instruments TAS5715 Datasheet HTML 30Page - Texas Instruments TAS5715 Datasheet HTML 31Page - Texas Instruments TAS5715 Datasheet HTML 32Page - Texas Instruments TAS5715 Datasheet HTML 33Page - Texas Instruments TAS5715 Datasheet HTML 34Page - Texas Instruments TAS5715 Datasheet HTML 35Page - Texas Instruments TAS5715 Datasheet HTML 36Page - Texas Instruments TAS5715 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 74 page
background image
HPR
A_sel_HP_SDZ
15k
HPL
Left
Right
B0424-01
I S Audio
2
TAS5715
Addr=0x54
RC
Filter
(HP Amplifier)
TAS5715
www.ti.com
SLOS645 – AUGUST 2010
Bit 0: This is bit should be 1 if the headphone function is used in the TAS5715. If the headphone is not used, this
bit can be cleared to 0. Then if bit 1 is also set to 1, the TAS5715 drives the FAULTZ signal out on the A_SEL
pin. FAULTZ is the internal power-stage fault signal asserted low during errors like overcurrent, overtemperature,
and UVP.
Figure 46 shows the connection of A_SEL_HP_SDZ pin to headphone shutdown.
Figure 46. Headphone Shutdown (HP_SD)
Digital THD Manager
The THD manager can be used to achieve digitally the {specified ?} THD levels without voltage clipping. This
allows the customer to achieve the same THD (for example, 10% THD) for different power levels (15 W/10 W/5
W) with same PVCC level.
The waveform of Figure 47 shows digital clipping using the THD manager.
Figure 47. Digital Clipping Using the THD Manager
Register 0x57 is used to achieve the clipping. Register 0x56 is used to scale the clipped waveform to get the
desired power out.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): TAS5715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com