Electronic Components Datasheet Search
  English  ▼

X  

TAS5715 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5715
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5715 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TAS5715 Datasheet HTML 32Page - Texas Instruments TAS5715 Datasheet HTML 33Page - Texas Instruments TAS5715 Datasheet HTML 34Page - Texas Instruments TAS5715 Datasheet HTML 35Page - Texas Instruments TAS5715 Datasheet HTML 36Page - Texas Instruments TAS5715 Datasheet HTML 37Page - Texas Instruments TAS5715 Datasheet HTML 38Page - Texas Instruments TAS5715 Datasheet HTML 39Page - Texas Instruments TAS5715 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 74 page
background image
Threshold
INPUT
Threshold
AttackRate
ReleaseRate
W0003-01
OUTPUT
TAS5715
SLOS645 – AUGUST 2010
www.ti.com
Attack and release events occur only when level remains above or below the threshold continuously during the
time-constant time. And the constant time is controlled by the attack/release rate. If the attack/release rate is
short, DRC operates frequently. Attack time defines how fast to cut the signal to bring it under the threshold.
Similarly, release time defines how fast to release the cut back to normal. Attack and release are shown in
Figure 50.
Figure 50. Attack/Release
The device should be in all-channel shutdown when DRC parameters are changed. The TAS57X GDE (GUI)
takes care of this when changing DRC parameters.
TAS5715 supports two-band and one-band DRC. Two-band DRC helps to get the maximum sound levels out of
small, thin, low-cost speakers. It protects speakers from being overdriven/damaged and stops cabinet rattle
without sacrificing loudness.
In the two-band DRC mode, audio is split into to high-band and low-band. The bands have separate thresholds
and attack/decay filters.
Configuration is as shown in Figure 51. DRC1 (upper band) and DRC2 (lower band) can be programmed using
GDE. Default values for attack and decay filters cover most of the cases. Only thresholds require updating,
depending on the power levels for the upper and lower bands.
36
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TAS5715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com