Electronic Components Datasheet Search
  English  ▼

X  

TAS5715 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5715
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5715 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TAS5715 Datasheet HTML 55Page - Texas Instruments TAS5715 Datasheet HTML 56Page - Texas Instruments TAS5715 Datasheet HTML 57Page - Texas Instruments TAS5715 Datasheet HTML 58Page - Texas Instruments TAS5715 Datasheet HTML 59Page - Texas Instruments TAS5715 Datasheet HTML 60Page - Texas Instruments TAS5715 Datasheet HTML 61Page - Texas Instruments TAS5715 Datasheet HTML 62Page - Texas Instruments TAS5715 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 74 page
background image
TAS5715
www.ti.com
SLOS645 – AUGUST 2010
MODULATION LIMIT REGISTER (0x10)
Table 15. Modulation Limit Register (0x10)
D7
D6
D5
D4
D3
D2
D1
D0
MODULATION LIMIT
0
0
0
0
0
–
–
–
Reserved
–
–
–
–
–
0
0
0
99.2%
–
–
–
–
–
0
0
1
98.4% (1)
–
–
–
–
–
0
1
0
97.7%
–
–
–
–
–
0
1
1
96.9%
–
–
–
–
–
1
0
0
96.1%
–
–
–
–
–
1
0
1
95.3%
–
–
–
–
–
1
1
0
94.5%
–
–
–
–
–
1
1
1
93.8%
(1)
Default values are in bold.
INTERCHANNEL DELAY REGISTERS (0x11, 0x12, 0x13, and 0x14)
Internal PWM Channels 1, 2, 1, and 2 are mapped into registers 0x11, 0x12, 0x13, and 0x14.
Table 16. Channel Interchannel Delay Register Format
BIT DEFINITION
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
–
–
Minimum absolute delay, 0 DCLK cycles
0
1
1
1
1
1
–
–
Maximum positive delay, 31 × 4 DCLK cycles
1
0
0
0
0
0
–
–
Maximum negative delay, –32 × 4 DCLK cycles
0
0
Reserved
SUBADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
Delay = (value) × 4 DCLKs
0x11
1
0
1
0
1
1
–
–
Default value for channel 1 (1)
0x12
0
1
0
1
0
1
–
–
Default value for channel 2 (1)
0x13
1
0
1
0
1
1
–
–
Default value for channel 1 (1)
0x14
0
1
0
1
0
1
–
–
Default value for channel 2 (1)
(1)
Default values are in bold.
ICD settings have high impact on audio performance (e.g.: dynamic range, THD, crosstalk, etc.) Therefore,
appropriate ICD settings must be used. By default, the device has ICD settings for AD mode. If used in BD
mode, then update these registers before coming out of all-channel shutdown.
MODE
AD MODE
BD MODE
0x11
AC
B8
0x12
54
60
0x13
AC
A0
0x14
54
48
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
59
Product Folder Link(s): TAS5715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com