Electronic Components Datasheet Search
  English  ▼

X  

SC2441AEVB Datasheet(PDF) 36 Page - Semtech Corporation

Part # SC2441AEVB
Description  1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441AEVB Datasheet(HTML) 36 Page - Semtech Corporation

Back Button SC2441AEVB Datasheet HTML 29Page - Semtech Corporation SC2441AEVB Datasheet HTML 30Page - Semtech Corporation SC2441AEVB Datasheet HTML 31Page - Semtech Corporation SC2441AEVB Datasheet HTML 32Page - Semtech Corporation SC2441AEVB Datasheet HTML 33Page - Semtech Corporation SC2441AEVB Datasheet HTML 34Page - Semtech Corporation SC2441AEVB Datasheet HTML 35Page - Semtech Corporation SC2441AEVB Datasheet HTML 36Page - Semtech Corporation SC2441AEVB Datasheet HTML 37Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
36
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441A
Applications Information
Control Section
6) The frequency-setting resistor Rosc should be placed
close to Pin 10. Trace length from this resistor to the
analog ground should be minimized.
7) Solder the VCC decoupling capacitor next to the VCC
and power ground PGND pins.
8) Place the current-sensing components away from the
power circuit and close to the corresponding CS+ and
CS- pins. Use X7R type ceramic capacitors for current
sensing due to their thermal stability. The distance
between the two trace should be as close as possible to
minize the noise pick-up.
9) Use an isolated local ground plane for the controller
and tie it to the negative side of output capacitor bank.
10) A large copper area underneath the SC2441A IC is
nessary for heat sinking purpose. And multiple layers of
large copper area connected through vias can be used
for better thermal performance. The size of the vias as
the connection between multiple layers should not be
too large or solder may seep through the big vias to the
the bottom layer during the re-flow process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com