Electronic Components Datasheet Search
  English  ▼

X  

SC2441AEVB Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC2441AEVB
Description  1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441AEVB Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC2441AEVB Datasheet HTML 10Page - Semtech Corporation SC2441AEVB Datasheet HTML 11Page - Semtech Corporation SC2441AEVB Datasheet HTML 12Page - Semtech Corporation SC2441AEVB Datasheet HTML 13Page - Semtech Corporation SC2441AEVB Datasheet HTML 14Page - Semtech Corporation SC2441AEVB Datasheet HTML 15Page - Semtech Corporation SC2441AEVB Datasheet HTML 16Page - Semtech Corporation SC2441AEVB Datasheet HTML 17Page - Semtech Corporation SC2441AEVB Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
14
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441A
Typical Characteristics
VIN Start-up Threshold Voltage vs Temperature
1.70
1.71
1.72
1.73
1.74
1.75
-50-25
0
25
50
75100 125
Temperature (°C)
VIN Hysteresis Voltage vs Temperature
0.075
0.080
0.085
0.090
0.095
0.100
0.105
0.110
-50 -25
0
25
50
75
100 125
Temperature (°C)
Overload Hiccup Threshold vs Temperature
0.350
0.355
0.360
0.365
0.370
0.375
0.380
0.385
0.390
0.395
0.400
-50 -25
0
25
50
75
100 125
Temperature (°C)
VSS1,2 = 3.5V
Soft-Start Voltage Threshold (to Enable Overload
Hiccup Protection) vs Temperature
3.0
3.2
3.4
3.6
3.8
4.0
-50
-25
0
25
50
75
100 125
Temperature (°C)
Soft-Start Discharge Current vs Temperature
7.0
7.5
8.0
8.5
9.0
-50
-25
0
25
50
75
100 125
Temperature (°C)
VFB1=VFB2=0.3V, VSS1=VSS2=3V
Soft-Start Voltage (to Restart Overload Shutdown)
vs Temperature
0.50
0.52
0.54
0.56
0.58
0.60
-50
-25
0
255075
100 125
Temperature (°C)
Soft-Start Disable Voltage vs Temperature
0.75
0.77
0.79
0.81
0.83
-50
-25
0
25
50
75
100 125
Temperature (°C)
VFB1=VFB2=0.45V, VCOMP1=VCOMP2=2V
Soft-Start Threshold Voltage (to Eable PWM
Operation) vs Temperature
1.20
1.22
1.24
1.26
1.28
1.30
-50
-25
0
25
50
75
100 125
Temperature (°C)
VFB1=VFB2=0.03V
Current Sense Amplifier Input Bias Current vs
Temperature (Inverting Pin)
-40
-35
-30
-25
-50
-25
0
25
50
75
100 125
Temperature (°C)
VCC = 8V, VCS1 (-) = VCS2 (-) = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com