Electronic Components Datasheet Search
  English  ▼

X  

SC2441AEVB Datasheet(PDF) 37 Page - Semtech Corporation

Part # SC2441AEVB
Description  1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441AEVB Datasheet(HTML) 37 Page - Semtech Corporation

Back Button SC2441AEVB Datasheet HTML 29Page - Semtech Corporation SC2441AEVB Datasheet HTML 30Page - Semtech Corporation SC2441AEVB Datasheet HTML 31Page - Semtech Corporation SC2441AEVB Datasheet HTML 32Page - Semtech Corporation SC2441AEVB Datasheet HTML 33Page - Semtech Corporation SC2441AEVB Datasheet HTML 34Page - Semtech Corporation SC2441AEVB Datasheet HTML 35Page - Semtech Corporation SC2441AEVB Datasheet HTML 36Page - Semtech Corporation SC2441AEVB Datasheet HTML 37Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 37 / 37 page
background image
37
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441A
Outline Drawing - TSSOP-28
Semtech Corporation
Power Management Products Division
200 Flynn Road, Camarillo, CA 93012-8790
Phone: (805)498-2111 FAX (805)498-3804
Contact Information
Land Pattern - TSSOP-28
N
A
A2
A1
bxN
E1
.378
9.60
.386
9.70 9.80
PLANE
bbb
C A-B D
ccc C
DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
3.
OR GATE BURRS.
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
-B-
NOTES:
1.
2.
-A-
-H-
SIDE VIEW
A
B
C
D
e
H
e/2
(.039)
.008
-
.004
.024
-
-
-
-
0°
.018
.003
E
INCHES
b
N
bbb
aaa
ccc
01
E1
E
L
L1
e
D
c
DIM
A1
A2
A
MIN
MAX
MILLIMETERS
DIMENSIONS
MIN
MAX
NOM
NOM
.210
F
5.60
5.35
.220
.216
5.50
H
.112
3.10
.118 .122
3.00
2.85
BOTTOM VIEW
EXPOSED PAD
F
H
.031
.000
-
8°
0°
0.20
0.10
-
8°
0.45
0.09
0.80
0.00
.030
.008
.047
.041
.006
-
0.60
(1.0)
-
0.75
0.20
-
-
-
1.20
1.05
0.15
D
REFERENCE JEDEC STD MO-153, VARIATION AET.
4.
L
(L1)
c
01
GAGE
PLANE
SEE DETAIL
DETAIL
A
A
0.25
.026 BSC
.252 BSC
28
.004
.169 .173
.007
-
28
0.10
0.65 BSC
6.40 BSC
4.40
-
.177 4.30
.012 0.19
4.50
0.30
.382
2X N/2 TIPS
SEATING
aaa C
E/2
INDICATOR
PIN 1
2X
2
13
(.222)
(5.65)
Z
G
Y
P
(C)
4.10
.161
0.65
.026
0.40
.016
1.55
.061
7.20
.283
X
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.
F
H
INCHES
DIMENSIONS
Z
P
Y
X
DIM
C
G
MILLIMETERS
F
5.70
.224
H
3.20
.126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com