Electronic Components Datasheet Search
  English  ▼

X  

SC2441AEVB Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC2441AEVB
Description  1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441AEVB Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC2441AEVB Datasheet HTML 14Page - Semtech Corporation SC2441AEVB Datasheet HTML 15Page - Semtech Corporation SC2441AEVB Datasheet HTML 16Page - Semtech Corporation SC2441AEVB Datasheet HTML 17Page - Semtech Corporation SC2441AEVB Datasheet HTML 18Page - Semtech Corporation SC2441AEVB Datasheet HTML 19Page - Semtech Corporation SC2441AEVB Datasheet HTML 20Page - Semtech Corporation SC2441AEVB Datasheet HTML 21Page - Semtech Corporation SC2441AEVB Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
18
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441A
minimum locking frequencies of the slave should be
selected to accommodate the variation in the master’s
frequency. Phase shift between the master and the slave
can be programmed with an optional resistor (Figure 5).
More detailed discussion can be found in the Application
Information.
Pulling the
SHDN
SYNC/
pin below 0.5V shuts off the
SC2441A after 85
µs time delay.
Control Loop
The step-down controllers and the boost regulator in the
SC2441A use peak current-mode control for fast transient
response and current sharing in single output operation.
Current-mode switching regulators utilize a dual-loop
feedback control system. The error amplifier output controls
the peak inductor current of that channel. This is the inner
current loop. The double reactive poles of the output LC
filter are reduced to a single real pole by the inner current
loop, easing loop compensation. Fast transient response
can be obtained with a simple Type-2 compensation
network. In the outer loop, the error amplifier regulates
the output voltage.
Referring to the block diagrams in Figures 2 and 3, the
sensed inductor current is summed with the slope-
compensating ramp before compared to the output of the
error amplifier. The PWM comparator trip point determines
the switch turn-on pulse width. The current-limit comparator
ILIM turns off the power switch when the sensed current
exceeds the corresponding current-limit threshold. ILIM
therefore provides cycle-by-cycle current limit. All three
converters in the SC2441A have internal ramp-
compensation to prevent sub-harmonic oscillation when
operating above 50% duty cycle. The internal compensating
ramp is designed for an inductor ripple-current between
4
1
and
of the maximum inductor current and the peak-
to-peak current-sense voltage (CSP-CSN of the step-down
controllers) between
and
of the current-limit
threshold (25mV). The current-limits of all three
converters are unaffected by the compensation ramps.
Current-Sensing
The inductor current needs to be sensed for use as PWM
modulating ramp. Either sense resistor or inductor series
resistance (DCR) can be used as the sensing element for
the step-down controllers. Since the maximum current-
sense voltage (CSP-CSN) is only 25mV, a precision sense
resistor in series with the inductor can be used at the output
without resulting in excessive power dissipation.
Alternatively the DCR of the inductor can also be used.
Both methods are less sensitive to supply and ground
transients than high-side or low-side sensing because the
sensed voltage is developed at the output of the step-
down converter. DCR sensing will be described in more
details in the Applications Information section.
Boost switch current is sensed with an integrated sense
resistor with a minimum current-limit of 0.6A.
Error Amplifiers
All error amplifiers in the SC2441A are of transconductance
type. Converters are compensated with series RC network
from the COMP pins to the ground. An additional small
parallel capacitor may be required for stability.
In Figure 2 the error amplifiers EA1 and EA2 are shown
with two non-inverting inputs. The non-inverting input with
lower voltage predominates. One positive input is biased
to a 0.5V precision reference. The other non-inverting input
of the error amplifier is tied to a voltage equal to
(VSS/EN - 1.25V)/3.
During converter start up, the effective positive input of
the error amplifier stays at 0 until the soft-start capacitor
at the SS/EN pin is charged above 1.25V. The
corresponding COMP pin is also pulled low by the
comparator A
2 or A3. After the SS/EN voltage exceeds
1.25V, the COMP pin is released. Both the upper and the
lower gate drives remain low until the COMP voltage
exceeds 1.85V. If the soft-start capacitor charging time
is sufficiently long, then both the FB and the output
voltage will track the divided SS/EN voltage on their way
to regulation. If the starting output voltage is non-zero,
then the COMP voltage and the corresponding gate drives
will remain low until the divided SS/EN voltage exceeds
the feedback voltage. Starting into a pre-existing output
is seamless.
Operation (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com