Electronic Components Datasheet Search
  English  ▼

X  

SC2441AEVB Datasheet(PDF) 25 Page - Semtech Corporation

Part # SC2441AEVB
Description  1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441AEVB Datasheet(HTML) 25 Page - Semtech Corporation

Back Button SC2441AEVB Datasheet HTML 21Page - Semtech Corporation SC2441AEVB Datasheet HTML 22Page - Semtech Corporation SC2441AEVB Datasheet HTML 23Page - Semtech Corporation SC2441AEVB Datasheet HTML 24Page - Semtech Corporation SC2441AEVB Datasheet HTML 25Page - Semtech Corporation SC2441AEVB Datasheet HTML 26Page - Semtech Corporation SC2441AEVB Datasheet HTML 27Page - Semtech Corporation SC2441AEVB Datasheet HTML 28Page - Semtech Corporation SC2441AEVB Datasheet HTML 29Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
25
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441A
Pre-biased Start Up
Sometimes the step-down converter is to start into a
pre-biased output load. The pre-biased voltage is normally
lower than the output setpoint of the step-down
converter.
As described earlier, pre-bias startup process with the
SC2441A is seamless. The testing setup of the pre-biased
start-up is shown as in Figure 14.
D1
V
s
Blocking Diode
External
Voltage
Source
Module
under
Test
+
-
R
LOAD
V
O
Figure 14. Test Setup for Pre-biased Start Up
Applications Information
In Figure 14, V
S is the external power supply pre-biasing
V
O. D1 blocks the output of the power module under test
from V
S during soft-start. RLOAD is the resistive load of the
module under test. Before power-up the module, monitor
V
O to ensure that it is the desired pre-biased output
voltage. Then power-up the module. V
O should rise
smoothly.
Free-running Operation
The internal oscillator of the SC2441A can either free-
run or it can be phase-locked to an external clock.
In free-running mode, the internal phase-locked loop is
disabled by tying an external resistor from the PLLF pin
to V
IN. The external resistor ROSC (see figure 5(a))
programs the channel frequency. The PLLF pull-up resistor
should be carefully selected so that the voltage at the
PLLF pin is above 1V. A value between 20K
Ω to 50KΩ is
recommended.
Pull-up resistor can also be tied to V
CC if VCC is present
before the SC2441A starts to switch. The advantage tying
the pull-up resistor to V
CC is because that the VCC is a
regulated output from either a boost converter or a sepic
converter. The resistor from the PLLF pin can be tied to
V
CC if VCC is from a boost converter output. The reason is
that the V
CC will be powered up from the input VIN before
output of the boost converter reaches the setpoint.
However, in some applications, a SEPIC converter is
employed to get stable V
CC due to the wide input voltage
range. In this case, the resistor from the PLLF pin should
not be connected to the V
CC due to the presence of a DC
blocking capacitor in the converter. The SC2441A will not
switch if the PLLF pin is at zero volt.
Applying more than 2.1V at the PLLF pin activates the
diode clamp circuit (see Figure 5(a)). The filtering
components (R
1,R2, C1 and C2 in Figure 5(a)) are not
needed while free-running. The clamp activation will have
no effect on the PLL if V
PLLF >1V.
The internal clock is brought out to the CKOUT pin. The
signal at CKOUT pin can be used as the synchronizing
clock for other SC2441As in a master-slave configuration.
0.25ms
C
3
R
2
R
3
R
2
R
1 =
×
+
×
25mV
5A
28A
µ
=
÷
ø
ö
ç
è
æ
+
×
+
×
+
+
×
×
2
R
R
R
R
R
R
R
R
A
1
3
2
1
3
3
2
2
3
)
(
)
(
With an arbitrary selection of
W
=
+
×
3.01K
3
R
2
R
3
R
2
R
, we can
get C
1=83nF. Since 83nF is not a standard capacitance
value, we use 100nF capacitor for C
1. Consequently,
W
=
+
×
K
3
R
2
R
3
R
2
R
2.5
. And we can also derive:
25mV
5A
28A
µ
=
÷
ø
ö
ç
è
æ
+
W
×
+
W
×
2
2.5K
R
R
2.5K
A
1
2
1
W
= 6.80K
2
R
W
= 3.92K
3
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com