Electronic Components Datasheet Search
  English  ▼

X  

AD9125 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9125
Description  Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9125 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9125 Datasheet HTML 35Page - Analog Devices AD9125 Datasheet HTML 36Page - Analog Devices AD9125 Datasheet HTML 37Page - Analog Devices AD9125 Datasheet HTML 38Page - Analog Devices AD9125 Datasheet HTML 39Page - Analog Devices AD9125 Datasheet HTML 40Page - Analog Devices AD9125 Datasheet HTML 41Page - Analog Devices AD9125 Datasheet HTML 42Page - Analog Devices AD9125 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
AD9125
Rev. 0 | Page 39 of
56
QUADRATURE PHASE CORRECTION
The purpose of the quadrature phase correction block is to
enable compensation of the phase imbalance of the analog
quadrature modulator following the DAC. If the quadrature
modulator has a phase imbalance, the unwanted sideband appears
with significant energy. Tuning the quadrature phase adjust value
can optimize image rejection in single sideband radios.
Ordinarily, the I and Q channels have an angle of precisely 90°
between them. The quadrature phase adjustment is used to
change the angle between the I and Q channels. When the
I phase adjust[9:0] is set to 1000000000, the I DAC output
moves approximately 1.75° away from the Q DAC output,
creating an angle of 91.75° between the channels. When the I
phase adjust[9:0] is set to 0111111111, the I DAC output moves
approximately 1.75° toward the Q DAC output, creating an
angle of 88.25° between the channels.
The Q phase adjust bits (Bits[9:0]) work in a similar fashion.
When the Q phase adjust[9:0]) is set to 1000000000, the Q DAC
output moves approximately 1.75° away from the I DAC output,
creating an angle of 91.75° between the channels. When the
Q phase adjust[9:0] is set to 0111111111, the Q DAC output
moves approximately 1.75° toward the I DAC output, creating
an angle of 88.25° between the channels.
Based on these two endpoints, the combined resolution of the
phase compensation register is approximately 3.5°/1024, or
0.00342°, per code.
DC OFFSET CORRECTION
The dc value of the I datapath and the Q datapath can be inde-
pendently controlled by adjusting the I DAC offset[15:0] and
Q DAC offset[15:0] values in Register 0x3C through Register 0x3F.
These values are added directly to the datapath values. Care should
be taken not to overrange the transmitted values.
Figure 61 shows how the DAC offset current varies as a function of
the I DAC offset[15:0] and Q DAC offset[15:0] values. With the
digital inputs fixed at midscale (0x0000, twos complement data
format), Figure 61 shows the nominal IOUTxP and IOUTxN currents
as the DAC offset value is swept from 0 to 65,535. Because IOUTxP
and IOUTxN are complementary current outputs, the sum of IOUTxP
and IOUTxN is always 20 mA.
0x0000
0x4000
0x8000
0xC000
0xFFFF
5
10
15
20
5
10
15
20
0
0
DAC OFFSET VALUE
Figure 61. DAC Output Currents vs. DAC Offset Value
INVERSE SINC FILTER
The inverse sinc (sinc−1) filter is a nine-tap FIR filter. The
composite response of the sinc−1 and the sin(x)/x response of
the DAC is shown in Figure 62. The composite response has less
than ±0.05 dB pass-band ripple up to a frequency of 0.4 × fDACCLK.
To provide the necessary peaking at the upper end of the pass
band, the inverse sinc filters have an intrinsic insertion loss of
about 3.2 dB. Figure 62 shows the composite frequency response.
–3.0
–3.2
–3.4
–3.6
–3.8
–4.0
00
0.3
0.4
0.2
0.1
fOUT/fDAC
.5
Figure 62. Sample Composite Responses of the Sinc−1 Filter with Sin(x)/x Roll-Off
The sinc−1 filter is enabled by default. It can be bypassed by setting
the bypass sinc−1 bit (Register 0x1B, Bit 6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com