Electronic Components Datasheet Search
  English  ▼

X  

AD9125 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9125
Description  Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9125 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9125 Datasheet HTML 48Page - Analog Devices AD9125 Datasheet HTML 49Page - Analog Devices AD9125 Datasheet HTML 50Page - Analog Devices AD9125 Datasheet HTML 51Page - Analog Devices AD9125 Datasheet HTML 52Page - Analog Devices AD9125 Datasheet HTML 53Page - Analog Devices AD9125 Datasheet HTML 54Page - Analog Devices AD9125 Datasheet HTML 55Page - Analog Devices AD9125 Datasheet HTML 56Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
AD9125
Rev. 0 | Page 52 of 5
6
INTERRUPT REQUEST OPERATION
The AD9125 provides an interrupt request output signal (on
Pin 7, IRQ) that can be used to notify an external host processor
of significant device events. Upon assertion of the interrupt,
the device should be queried to determine the precise event that
occurred. The IRQ pin is an open-drain, active low output. Pull
the IRQ pin high external to the device. This pin can be tied to
the interrupt pins of other devices with open-drain outputs to
wire-OR these pins together.
Sixteen event flags provide visibility into the device. These 16
flags are located in the two event flag registers (Register 0x06
and Register 0x07). The behavior of each of the event flags
is independently selected in the interrupt enable registers
(Register 0x04 and Register 0x05). When the flag interrupt
enable is active, the event flag latches and triggers an external
interrupt. When the flag interrupt is disabled, the event flag
simply monitors the source signal and the external IRQ remains
inactive.
Figure 86 shows the IRQ-related circuitry. This diagram shows how
event flag signals propagate to the IRQ output. The INTERRUPT_
ENABLE signal represents one bit from the interrupt enable
registers. The EVENT_FLAG_SOURCE signal represents one
bit from the event flag registers. The EVENT_FLAG_SOURCE
signal represents one of the device signals that can be monitored,
such as the PLL_LOCKED signal from the PLL phase detector
or the FIFO_WARNING_1 signal from the FIFO controller.
When an interrupt enable bit is set high, the corresponding event
flag bit reflects a positively tripped signal (that is, latched on the
rising edge of the EVENT_FLAG_SOURCE signal). This signal
also asserts the external IRQ. When an interrupt enable bit is set
low, the event flag bit reflects the current status of the EVENT_
FLAG_SOURCE signal, but the event flag has no effect on the
external IRQ.
The latched version of an event flag (the INTERRUPT_SOURCE
signal) can be cleared in two ways. The recommended way is by
writing 1 to the corresponding event flag bit; however, a hardware
or software reset can also clear the INTERRUPT_SOURCE.
INTERRUPT SERVICE ROUTINE
The interrupt request management starts by selecting the set of
event flags that require host intervention or monitoring. Those
events that require host action should be enabled so that the
host is notified when they occur. For events requiring host
intervention, upon IRQ activation, run the following routine to
clear an interrupt request:
1.
Read the status of the event flag bits that are being monitored.
2.
Set the interrupt enable bit low so that the unlatched EVENT_
FLAG_SOURCE signal can be monitored directly.
3.
Perform any actions that are required to clear the EVENT_
SOURCE_FLAG signal. In many cases, no specific actions
are required.
4.
Read the event flag to verify that the EVENT_FLAG_
SOURCE signal has been cleared.
5.
Clear the interrupt by writing 1 to the event flag bit.
6.
Set the interrupt enable bits of the events to be monitored.
Note that some of the EVENT_FLAG_SOURCE signals are latched
signals. These are cleared by writing to the corresponding event
flag bit. Details of each of the event flags can be found in Table 11.
INTERRUPT_ENABLE
EVENT_FLAG_SOURCE
DEVICE_RESET
EVENT_FLAG
INTERRUPT
SOURCE
1
0
OTHER
INTERRUPT
SOURCES
IRQ
WRITE_1_TO_EVENT_FLAG
Figure 86. Simplified Schematic of IRQ Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com