Electronic Components Datasheet Search
  English  ▼

X  

AD9125 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9125
Description  Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9125 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9125 Datasheet HTML 3Page - Analog Devices AD9125 Datasheet HTML 4Page - Analog Devices AD9125 Datasheet HTML 5Page - Analog Devices AD9125 Datasheet HTML 6Page - Analog Devices AD9125 Datasheet HTML 7Page - Analog Devices AD9125 Datasheet HTML 8Page - Analog Devices AD9125 Datasheet HTML 9Page - Analog Devices AD9125 Datasheet HTML 10Page - Analog Devices AD9125 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
AD9125
Rev. 0 | Page 7 of
56
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Table 6.
Parameter
With
Respect To
Rating
AVDD33
AVSS, EPAD,
CVSS, DVSS
−0.3 V to +3.6 V
IOVDD
AVSS, EPAD,
CVSS, DVSS
−0.3 V to +3.6 V
DVDD18, CVDD18
AVSS, EPAD,
CVSS, DVSS
−0.3 V to +2.1 V
AVSS
EPAD, CVSS,
DVSS
−0.3 V to +0.3 V
EPAD
AVSS, CVSS,
DVSS
−0.3 V to +0.3 V
CVSS
AVSS, EPAD,
DVSS
−0.3 V to +0.3 V
DVSS
AVSS, EPAD,
CVSS
−0.3 V to +0.3 V
FSADJ, REFIO,
IOUT1P/IOUT1N,
IOUT2P/IOUT2N
AVSS
−0.3 V to AVDD33 + 0.3 V
D[31:0], FRAME, DCI
EPAD, DVSS
−0.3 V to DVDD18 + 0.3 V
DACCLKP/DACCLKN,
REFCLKP/REFCLKN
DVSS
−0.3 V to CVDD18 + 0.3 V
RESET, IRQ, CS, SCLK,
SDIO, SDO
EPAD, DVSS
−0.3 V to IOVDD + 0.3 V
Junction Temperature
125°C
Storage Temperature
Range
−65°C to +150°C
The exposed paddle (EPAD) must be soldered to the ground
plane for the 72-lead LFCSP. The EPAD performs as an
electrical and thermal connection to the board.
Typical θJA, θJB, and θJC values are specified for a 4-layer board in
still air. Airflow increases heat dissipation, effectively reducing
θJA and θJB.
Table 7. Thermal Resistance
Package
θJA
θJB
θJC
Unit
Conditions
72-Lead LFCSP
20.7
10.9
1.1
°C/W
EPAD soldered
ESD CAUTION
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com