Electronic Components Datasheet Search
  English  ▼

X  

ADG5404 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG5404
Description  High Voltage, Latch-up Proof, 4-Channel Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5404 Datasheet(HTML) 4 Page - Analog Devices

  ADG5404 Datasheet HTML 1Page - Analog Devices ADG5404 Datasheet HTML 2Page - Analog Devices ADG5404 Datasheet HTML 3Page - Analog Devices ADG5404 Datasheet HTML 4Page - Analog Devices ADG5404 Datasheet HTML 5Page - Analog Devices ADG5404 Datasheet HTML 6Page - Analog Devices ADG5404 Datasheet HTML 7Page - Analog Devices ADG5404 Datasheet HTML 8Page - Analog Devices ADG5404 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADG5404
Rev. 0 | Page 4 of 20
±20 V DUAL SUPPLY
VDD = 20 V ± 10%, VSS = −20 V ± 10%, GND = 0 V, unless otherwise noted.
Table 2.
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VDD to VSS
V
On Resistance, RON
9
Ω typ
VS = ±15 V, IS = −10 mA; see Figure 23
10
13
15
Ω max
VDD = +18 V, VSS = −18 V
On-Resistance Match
Between Channels, ∆RON
0.35
Ω typ
VS = ±15 V, IS = −10 mA
0.7
0.9
1.1
Ω max
On-Resistance Flatness, RFLAT(ON)
1.5
Ω typ
VS = ±15 V, IS = −10 mA
1.8
2.2
2.5
Ω max
LEAKAGE CURRENTS
VDD = +22 V, VSS = −22 V
Source Off Leakage, IS (Off)
±0.05
nA typ
VS = ±15 V, VD =
∓15 V; see Figure 24
±0.25
±0.75
±3.5
nA max
Drain Off Leakage, ID (Off)
±0.1
nA typ
VS = ±15 V, VD =
∓15 V; see Figure 24
±0.4
±2
±12
nA max
Channel On Leakage, ID, IS (On)
±0.1
nA typ
VS = VD = ±15 V; see Figure 25
±0.4
±2
±12
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.002
μA typ
VIN = VGND or VDD
±0.1
μA max
Digital Input Capacitance, CIN
5
pF typ
DYNAMIC CHARACTERISTICS1
Transition Time, tTRANSITION
175
ns typ
RL = 300 Ω, CL = 35 pF
224
262
301
ns max
VS = +10 V; see Figure 30
tON (EN)
148
ns typ
RL = 300 Ω, CL = 35 pF
185
222
250
ns max
VS = 10 V; see Figure 32
tOFF (EN)
120
ns typ
RL = 300 Ω, CL = 35 pF
142
159
173
ns max
VS = 10 V; see Figure 32
Break-Before-Make Time Delay, tD
40
ns typ
RL = 300 Ω, CL = 35 pF
10
ns min
VS1 = VS2 = 10 V; see Figure 31
Charge Injection, QINJ
290
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF; see Figure 33
Off Isolation
−78
dB typ
RL = 50 Ω, CL = 5 pF, f = 100 kHz;
see Figure 26
Channel-to-Channel Crosstalk
−58
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 28
Total Harmonic Distortion +
Noise
0.008
% typ
RL = 1 kΩ, 20 V p-p, f = 20 Hz to 20 kHz;
see Figure 29
−3 dB Bandwidth
54
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 27
Insertion Loss
−0.6
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 27
CS (Off)
18
pF typ
VS = 0 V, f = 1 MHz
CD (Off)
88
pF typ
VS = 0 V, f = 1 MHz
CD, CS (On)
129
pF typ
VS = 0 V, f = 1 MHz
POWER REQUIREMENTS
VDD = +22 V, VSS = −22 V
IDD
50
μA typ
Digital inputs = 0 V or VDD
70
110
μA max
ISS
0.001
μA typ
Digital inputs = 0 V or VDD
VDD/VSS
±9/±22
V min/max
GND = 0 V
1 Guaranteed by design; not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com